Electronic Components Datasheet Search
  English  ▼

X  

C164CM Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # C164CM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 13Page - Infineon Technologies AG C164CM Datasheet HTML 14Page - Infineon Technologies AG C164CM Datasheet HTML 15Page - Infineon Technologies AG C164CM Datasheet HTML 16Page - Infineon Technologies AG C164CM Datasheet HTML 17Page - Infineon Technologies AG C164CM Datasheet HTML 18Page - Infineon Technologies AG C164CM Datasheet HTML 19Page - Infineon Technologies AG C164CM Datasheet HTML 20Page - Infineon Technologies AG C164CM Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
C164CM
C164SM
Data Sheet
13
V1.0, 2001-05
External Bus Controller
All of the external memory accesses are performed by a particular on-chip External Bus
Controller (EBC). It can be programmed either to Single Chip Mode when no external
memory is required, or to one of two different external memory access modes, which are
as follows:
– 16-bit Addresses, 16-bit Data, Multiplexed
– 11-bit Addresses, 8-bit Data, Multiplexed
Both addresses and data use PORT0 for input/output.
Important timing characteristics of the external bus interface (Memory Cycle Time,
Memory Tri-State Time, Length of ALE and Read Write Delay) have been made
programmable to allow the user the adaption of a wide range of different types of
memories and external peripherals.
In addition, up to 4 independent address windows may be defined (via register pairs
ADDRSELx / BUSCONx) which control the access to different resources with different
bus characteristics. These address windows are arranged hierarchically where
BUSCON4 overrides BUSCON3 and BUSCON2 overrides BUSCON1. All accesses to
locations not covered by these 4 address windows are controlled by BUSCON0.
Note: The programmable bus features and the window mechanism are standard
features of the C166 architecture. Due to the C164CM’s limited external address
space, however, they can be utilized only to a small extend.
The C164CM will preferably be used in single-chip mode. Applications which require
access to external resources such as peripherals or small memories, will use the 8-bit
data bus with 11-bit address bus in most cases. In this case the upper pins of PORT0
can be used for the serial interfaces. If a wider address or a 16-bit data bus is required
the serial interfaces cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com