Electronic Components Datasheet Search
  English  ▼

X  

C164CM Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # C164CM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 8Page - Infineon Technologies AG C164CM Datasheet HTML 9Page - Infineon Technologies AG C164CM Datasheet HTML 10Page - Infineon Technologies AG C164CM Datasheet HTML 11Page - Infineon Technologies AG C164CM Datasheet HTML 12Page - Infineon Technologies AG C164CM Datasheet HTML 13Page - Infineon Technologies AG C164CM Datasheet HTML 14Page - Infineon Technologies AG C164CM Datasheet HTML 15Page - Infineon Technologies AG C164CM Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
C164CM
C164SM
Data Sheet
8
V1.0, 2001-05
PORT1
P1L.0
P1L.1
P1L.2
P1L.3
P1L.4
P1L.5
P1L.6
P1L.7
P1H.0
P1H.1
P1H.2
P1H.3
P1H.4
P1H.5
P1H.6
P1H.7
36
37
38
39
40
41
42
43
44
45
46
47
52
53
54
55
IO
I/O
O
I/O
O
I/O
O
O
I
I
I
I/O
I
I
I/O
I
I
I/O
I
I
I/O
I/O
I/O
I/O
I/O
PORT1 consists of the two 8-bit bidirectional I/O ports P1L
and P1H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state.
The following PORT1 pins also serve for alt. functions:
CC60
CAPCOM6: Input / Output of Channel 0
COUT60
CAPCOM6: Output of Channel 0
CC61
CAPCOM6: Input / Output of Channel 1
COUT61
CAPCOM6: Output of Channel 1
CC62
CAPCOM6: Input / Output of Channel 2
COUT62
CAPCOM6: Output of Channel 2
COUT63
Output of 10-bit Compare Channel
CTRAP
CAPCOM6: Trap Input
CTRAP is an input pin with an internal pullup resistor. A low
level on this pin switches the CAPCOM6 compare outputs to
the logic level defined by software (if enabled).
CC6POS0 CAPCOM6: Position 0 Input,
EX0IN
Fast External Interrupt 0 Input,
CC28IO
CAPCOM2: CC28 Capture Inp./Compare Outp.
CC6POS1 CAPCOM6: Position 1 Input,
EX1IN
Fast External Interrupt 1 Input,
CC29IO
CAPCOM2: CC29 Capture Inp./Compare Outp.
CC6POS2 CAPCOM6: Position 2 Input,
EX2IN
Fast External Interrupt 2 Input,
CC30IO
CAPCOM2: CC30 Capture Inp./Compare Outp.
EX3IN
Fast External Interrupt 3 Input,
T7IN
CAPCOM2: Timer T7 Count Input,
CC31IO
CAPCOM2: CC31 Capture Inp./Compare Outp.
CC24IO
CAPCOM2: CC24 Capture Inp./Compare Outp.
CC25IO
CAPCOM2: CC25 Capture Inp./Compare Outp.
CC26IO
CAPCOM2: CC26 Capture Inp./Compare Outp.
CC27IO
CAPCOM2: CC27 Capture Inp./Compare Outp.
XTAL2
XTAL1
49
50
O
I
XTAL2:
Output of the oscillator amplifier circuit.
XTAL1:
Input to the oscillator amplifier and input to
the internal clock generator
To clock the device from an external source, drive XTAL1,
while leaving XTAL2 unconnected. Minimum and maximum
high/low and rise/fall times specified in the AC
Characteristics must be observed.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
No.
Input
Outp.
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com