Electronic Components Datasheet Search
  English  ▼

X  

C164CM Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # C164CM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 24Page - Infineon Technologies AG C164CM Datasheet HTML 25Page - Infineon Technologies AG C164CM Datasheet HTML 26Page - Infineon Technologies AG C164CM Datasheet HTML 27Page - Infineon Technologies AG C164CM Datasheet HTML 28Page - Infineon Technologies AG C164CM Datasheet HTML 29Page - Infineon Technologies AG C164CM Datasheet HTML 30Page - Infineon Technologies AG C164CM Datasheet HTML 31Page - Infineon Technologies AG C164CM Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
C164CM
C164SM
Data Sheet
24
V1.0, 2001-05
Real Time Clock
The Real Time Clock (RTC) module of the C164CM consists of a chain of 3 divider
blocks, a fixed 8:1 divider, the reloadable 16-bit timer T14, and the 32-bit RTC timer
(accessible via registers RTCH and RTCL). The RTC module is directly clocked with the
on-chip oscillator frequency divided by 32 via a separate clock driver (
fRTC = fOSC/32)
and is therefore independent from the selected clock generation mode of the C164CM.
All timers count up.
The RTC module can be used for different purposes:
• System clock to determine the current time and date
• Cyclic time based interrupt
• 48-bit timer for long term measurements
Figure 7
RTC Block Diagram
Note: The registers associated with the RTC are not affected by a reset in order to
maintain the correct system time even when intermediate resets are executed.
MCD04432
T14REL
T14
8:1
RTC
f
RTCL
RTCH
Interrupt
Request
Reload



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com