Electronic Components Datasheet Search
  English  ▼

X  

C164CM Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # C164CM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 11Page - Infineon Technologies AG C164CM Datasheet HTML 12Page - Infineon Technologies AG C164CM Datasheet HTML 13Page - Infineon Technologies AG C164CM Datasheet HTML 14Page - Infineon Technologies AG C164CM Datasheet HTML 15Page - Infineon Technologies AG C164CM Datasheet HTML 16Page - Infineon Technologies AG C164CM Datasheet HTML 17Page - Infineon Technologies AG C164CM Datasheet HTML 18Page - Infineon Technologies AG C164CM Datasheet HTML 19Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 68 page
background image
C164CM
C164SM
Data Sheet
11
V1.0, 2001-05
Functional Description
The architecture of the C164CM combines advantages of both RISC and CISC
processors and of advanced peripheral subsystems in a very well-balanced way. In
addition the on-chip memory blocks allow the design of compact systems with maximum
performance.
The following block diagram gives an overview of the different on-chip components and
of the advanced, high bandwidth internal bus structure of the C164CM.
Note: All time specifications refer to a CPU clock of 25 MHz
(see definition in the AC Characteristics section).
Figure 3
Block Diagram
The program memory, the internal RAM (IRAM) and the set of generic peripherals are
connected to the CPU via separate buses. A fourth bus, the XBUS, connects external
resources as well as additional on-chip resoures, the X-Peripherals (see Figure 3).
The XBUS resources (CAN) of the C164CM can be enabled or disabled during
initialization by setting the general X-Peripheral enable bit XPEN (SYSCON.2). Modules
that are disabled consume neither address space nor port pins.
C166-Core
CPU
Interrupt Bus
XTAL
MCB04323_4cm
Osc / PLL
RTC
WDT
32
16
Interrupt Controller 16-Level
Priority
PEC
External Instr. / Data
GPT1
T2
T3
T4
SSC
BRGen
(SPI)
ASC0
BRGen
(USART)
ADC
10-Bit
8
Channels
CCOM2
T7
T8
CCOM6
T12
T13
EBC
XBUS Control
External Bus
Control
IRAM
Internal
RAM
2 KByte
ProgMem
ROM / OTP
32 KByte
Data
Data
16
16
16
CAN
Rev 2.0B active
Instr. / Data
Port 0
6
16
8
Port 5
Port 1
Peripheral Data Bus
16
16
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com