Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button SAB80C166 Datasheet HTML 28Page - Infineon Technologies AG SAB80C166 Datasheet HTML 29Page - Infineon Technologies AG SAB80C166 Datasheet HTML 30Page - Infineon Technologies AG SAB80C166 Datasheet HTML 31Page - Infineon Technologies AG SAB80C166 Datasheet HTML 32Page - Infineon Technologies AG SAB80C166 Datasheet HTML 33Page - Infineon Technologies AG SAB80C166 Datasheet HTML 34Page - Infineon Technologies AG SAB80C166 Datasheet HTML 35Page - Infineon Technologies AG SAB80C166 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
31
Notes
1)
This specification does not apply to the analog input (Port 5.x) which is currently converted.
2)
The maximum current may be drawn while the respective signal line remains inactive.
3)
The minimum current must be drawn in order to drive the respective signal line active.
4)
This specification is only valid during Reset, or during Hold-mode.
5)
Not 100% tested, guaranteed by design characterization.
6)
The supply current is a function of the operating frequency. This dependency is illustrated in the figure below.
These parameters are tested at VCCmax and 20 MHz CPU clock with all outputs open.
7)
All inputs (including pins configured as inputs) at 0 V to 0.1 V or at VCC – 0.1 V to VCC, VREF = 0 V, all outputs
(including pins configured as outputs) disconnected.
A voltage of VCC ≥ 2.5 V is sufficient to retain the content of the internal RAM during power down mode.
Figure 8
Supply/Idle Current as a Function of Operating Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com