Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button SAB80C166 Datasheet HTML 12Page - Infineon Technologies AG SAB80C166 Datasheet HTML 13Page - Infineon Technologies AG SAB80C166 Datasheet HTML 14Page - Infineon Technologies AG SAB80C166 Datasheet HTML 15Page - Infineon Technologies AG SAB80C166 Datasheet HTML 16Page - Infineon Technologies AG SAB80C166 Datasheet HTML 17Page - Infineon Technologies AG SAB80C166 Datasheet HTML 18Page - Infineon Technologies AG SAB80C166 Datasheet HTML 19Page - Infineon Technologies AG SAB80C166 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
15
Capture/Compare (CAPCOM) Unit
The CAPCOM unit supports generation and control of timing sequences on up to 16 channels with
a maximum resolution of 400 ns (@ 20 MHz CPU clock). The CAPCOM unit is typically used to
handle high speed I/O tasks such as pulse and waveform generation, pulse width modulation
(PMW), Digital to Analog (D/A) conversion, software timing, or time recording relative to external
events.
Two 16-bit timers (T0/T1) with reload registers provide two independent time bases for the capture/
compare register array.
The input clock for the timers is programmable to several prescaled values of the CPU clock, or may
be derived from an overflow/underflow of timer T6 in module GPT2. This provides a wide range of
variation for the timer period and resolution and allows precise adjustments to the application
specific requirements. In addition, an external count input for CAPCOM timer T0 allows event
scheduling for the capture/compare registers relative to external events.
The capture/compare register array contains 16 dual purpose capture/compare registers, each of
which may be individually allocated to either CAPCOM timer T0 or T1, and programmed for capture
or compare function. Each register has one port pin associated with it which serves as an input pin
for triggering the capture function, or as an output pin to indicate the occurrence of a compare event.
When a capture/compare register has been selected for capture mode, the current contents of the
allocated timer will be latched (captured) into the capture/compare register in response to an
external event at the port pin which is associated with this register. In addition, a specific interrupt
request for this capture/compare register is generated. Either a positive, a negative, or both a
positive and a negative external signal transition at the pin can be selected as the triggering event.
The contents of all registers which have been selected for one of the five compare modes are
continuously compared with the contents of the allocated timers. When a match occurs between the
timer value and the value in a capture/compare register, specific actions will be taken based on the
selected compare mode.
Compare Modes
Function
Mode 0
Interrupt-only compare mode;
several compare interrupts per timer period are possible
Mode 1
Pin toggles on each compare match;
several compare events per timer period are possible
Mode 2
Interrupt-only compare mode;
only one compare interrupt per timer period is generated
Mode 3
Pin set ‘1’ on match; pin reset ‘0’ on compare time overflow;
only one compare event per timer period is generated
Double
Register Mode
Two registers operate on one pin; pin toggles on each compare match;
several compare events per timer period are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com