Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SAB80C166 Datasheet HTML 2Page - Infineon Technologies AG SAB80C166 Datasheet HTML 3Page - Infineon Technologies AG SAB80C166 Datasheet HTML 4Page - Infineon Technologies AG SAB80C166 Datasheet HTML 5Page - Infineon Technologies AG SAB80C166 Datasheet HTML 6Page - Infineon Technologies AG SAB80C166 Datasheet HTML 7Page - Infineon Technologies AG SAB80C166 Datasheet HTML 8Page - Infineon Technologies AG SAB80C166 Datasheet HTML 9Page - Infineon Technologies AG SAB80C166 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
5
NMI
29
I
Non-Maskable Interrupt Input. A high to low transition at this pin
causes the CPU to vector to the NMI trap routine. When the
PWRDN (power down) instruction is executed, pin NMI must be
low in order to force the SAB 80C166 to go into power down
mode. If NMI is high, when PWRDN is executed, the part will
continue to run in normal mode.
If not used, pull NMI high externally.
ALE
25
O
Address Latch Enable Output. Can be used for latching the
address into external memory or an address latch in the
multiplexed bus modes.
RD
26
O
External Memory Read Strobe. RD is activated for every
external instruction or data read access.
P1.0 –
P1.15
30-37
40-47
I/O
Port 1 is a 16-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state. Port 1 is used as the 16-bit address bus (A) in
demultiplexed bus modes and also after switching from a
demultiplexed bus mode to a multiplexed bus mode.
P5.0 –
P5.9
48-53
56-59
I
I
Port 5 is a 10-bit input-only port with Schmitt-Trigger
characteristics. The pins of Port 5 also serve as the (up to 10)
analog input channels for the A/D converter, where P5.x equals
ANx (Analog input channel x).
P2.0 –
P2.15
62-77
62
75
76
77
I/O
I/O
I/O
O
I/O
O
I/O
I
Port 2 is a 16-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state.
The following Port 2 pins also serve for alternate functions:
P2.0
CC0IO
CAPCOM: CC0 Cap.-In/Comp.Out
...
...
...
P2.13
CC13IO CAPCOM: CC13 Cap.-In/Comp.Out,
BREQ
External Bus Request Output
P2.14
CC14IO CAPCOM: CC14 Cap.-In/Comp.Out,
HLDA
External Bus Hold Acknowl. Output
P2.15
CC15IO CAPCOM: CC15 Cap.-In/Comp.Out,
HOLD
External Bus Hold Request Input
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input
Output
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com