Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button SAB80C166 Datasheet HTML 25Page - Infineon Technologies AG SAB80C166 Datasheet HTML 26Page - Infineon Technologies AG SAB80C166 Datasheet HTML 27Page - Infineon Technologies AG SAB80C166 Datasheet HTML 28Page - Infineon Technologies AG SAB80C166 Datasheet HTML 29Page - Infineon Technologies AG SAB80C166 Datasheet HTML 30Page - Infineon Technologies AG SAB80C166 Datasheet HTML 31Page - Infineon Technologies AG SAB80C166 Datasheet HTML 32Page - Infineon Technologies AG SAB80C166 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
28
*) The system configuration is selected during reset.
T3
FE42H
21H
GPT1 Timer 3 Register
0000H
T3CON
b FF42H
A1H
GPT1 Timer 3 Control Register
0000H
T3IC
b FF62H
B1H
GPT1 Timer 3 Interrupt Control Register
0000H
T4
FE44H
22H
GPT1 Timer 4 Register
0000H
T4CON
b FF44H
A2H
GPT1 Timer 4 Control Register
0000H
T4IC
b FF64H
B2H
GPT1 Timer 4 Interrupt Control Register
0000H
T5
FE46H
23H
GPT2 Timer 5 Register
0000H
T5CON
b FF46H
A3H
GPT2 Timer 5 Control Register
0000H
T5IC
b FF66H
B3H
GPT2 Timer 5 Interrupt Control Register
0000H
T6
FE48H
24H
GPT2 Timer 6 Register
0000H
T6CON
b FF48H
A4H
GPT2 Timer 6 Control Register
0000H
T6IC
b FF68H
B4H
GPT2 Timer 6 Interrupt Control Register
0000H
TFR
b FFACH
D6H
Trap Flag Register
0000H
WDT
FEAEH
57H
Watchdog Timer Register (read only)
0000H
WDTCON
FFAEH
D7H
Watchdog Timer Control Register
0000H
ZEROS
b FF1CH
8EH
Constant Value 0’s Register (read only)
0000H
Special Function Registers Overview (cont’d)
Name
Physical
Address
8-Bit
Address
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com