Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 3 Page - Infineon Technologies AG

  SAB80C166 Datasheet HTML 1Page - Infineon Technologies AG SAB80C166 Datasheet HTML 2Page - Infineon Technologies AG SAB80C166 Datasheet HTML 3Page - Infineon Technologies AG SAB80C166 Datasheet HTML 4Page - Infineon Technologies AG SAB80C166 Datasheet HTML 5Page - Infineon Technologies AG SAB80C166 Datasheet HTML 6Page - Infineon Technologies AG SAB80C166 Datasheet HTML 7Page - Infineon Technologies AG SAB80C166 Datasheet HTML 8Page - Infineon Technologies AG SAB80C166 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
2
Introduction
The SAB 80C166 is the first representative of the Siemens SAB 80C166 family of full featured
single-chip CMOS microcontrollers. It combines high CPU performance (up to 10 million
instructions per second) with high peripheral functionality and enhanced IO-capabilities.
Figure 1
Logic Symbol
Ordering Information
Note: The ordering codes (Q67120-D...) for the Mask-ROM versions are defined for each product
after verification of the respective ROM code.
Type
Ordering Code
Package
Function
SAB 83C166-5M
Q67121-D...
P-MQFP-100-2 16-bit microcontroller, 0 ˚C to +70 ˚C,
1 KByte RAM and 32 KByte ROM
SAB 83C166-5M-T3 Q67121-D...
P-MQFP-100-2 16-bit microcontroller, -40 ˚C to +85 ˚C,
1 KByte RAM and 32 KByte ROM
SAB 80C166-M
Q67121-C848
P-MQFP-100-2 16-bit microcontroller, 0 ˚C to +70 ˚C
1 KByte RAM
SAB 80C166-M-T3
Q67121-C900
P-MQFP-100-2 16-bit microcontroller, -40 ˚C to +85 ˚C
1 KByte RAM
SAB
80C166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com