Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SAB80C166 Datasheet HTML 3Page - Infineon Technologies AG SAB80C166 Datasheet HTML 4Page - Infineon Technologies AG SAB80C166 Datasheet HTML 5Page - Infineon Technologies AG SAB80C166 Datasheet HTML 6Page - Infineon Technologies AG SAB80C166 Datasheet HTML 7Page - Infineon Technologies AG SAB80C166 Datasheet HTML 8Page - Infineon Technologies AG SAB80C166 Datasheet HTML 9Page - Infineon Technologies AG SAB80C166 Datasheet HTML 10Page - Infineon Technologies AG SAB80C166 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
SAB 80C166/83C166
Semiconductor Group
6
P3.0 –
P3.15
80-92,
95-97
80
81
82
83
84
85
86
87
88
89
90
91
92
95
96
97
I/O
I/O
I
O
I
O
I
I
I
I
O
I/O
O
I/O
O
O
I
O
Port 3 is a 16-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state.
The following Port 3 pins also serve for alternate functions:
P3.0
T0IN
CAPCOM Timer T0 Count Input
P3.1
T6OUT GPT2 Timer T6 Toggle Latch Output
P3.2
CAPIN
GPT2 Register CAPREL Capture Input
P3.3
T3OUT GPT1 Timer T3 Toggle Latch Output
P3.4
T3EUD GPT1 Timer T3 Ext.Up/Down Ctrl.Input
P3.5
T4IN
GPT1 Timer T4 Input for
Count/Gate/Reload/Capture
P3.6
T3IN
GPT1 Timer T3 Count/Gate Input
P3.7
T2IN
GPT1 Timer T2 Input for
Count/Gate/Reload/Capture
P3.8
TxD1
ASC1 Clock/Data Output (Asyn./Syn.)
P3.9
RxD1
ASC1 Data Input (Asyn.) or I/O (Syn.)
P3.10
T
×D0
ASC0 Clock/Data Output (Asyn./Syn.)
P3.11
R
×D0
ASC0 Data Input (Asyn.) or I/O (Syn.)
P3.12
BHE
Ext. Memory High Byte Enable Signal
P3.13
WR
External Memory Write Strobe
P3.14
READY Ready Signal Input
P3.15
CLKOUT System Clock Output (=CPU Clock)
P0.0 –
P0.15
98 – 5
8 – 15
I/O
Port 0 is a 16-bit bidirectional IO port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-impedance
state.
In case of an external bus configuration, Port 0 serves as the
address (A) and address/data (AD) bus in multiplexed bus
modes and as the data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0.0 – P0.7:
D0 – D7
D0 - D7
P0.8 – P0.15:
output!
D8 - D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0.0 – P0.7:
AD0 – AD7
AD0 - AD7
P0.8 – P0.15:
A8 - A15
AD8 - AD15
V
AREF
54
-
Reference voltage for the A/D converter.
V
AGND
55
-
Reference ground for the A/D converter.
Pin Definitions and Functions (cont’d)
Symbol
Pin
Number
Input
Output
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com