Electronic Components Datasheet Search
  English  ▼

X  

SAB80C166 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SAB80C166
Description  16-Bit CMOS Single-Chip Microcontroller
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB80C166 Datasheet(HTML) 2 Page - Infineon Technologies AG

  SAB80C166 Datasheet HTML 1Page - Infineon Technologies AG SAB80C166 Datasheet HTML 2Page - Infineon Technologies AG SAB80C166 Datasheet HTML 3Page - Infineon Technologies AG SAB80C166 Datasheet HTML 4Page - Infineon Technologies AG SAB80C166 Datasheet HTML 5Page - Infineon Technologies AG SAB80C166 Datasheet HTML 6Page - Infineon Technologies AG SAB80C166 Datasheet HTML 7Page - Infineon Technologies AG SAB80C166 Datasheet HTML 8Page - Infineon Technologies AG SAB80C166 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Semiconductor Group
1
09.94
q
High Performance 16-bit CPU with 4-Stage Pipeline
q
100 ns Instruction Cycle Time at 20 MHz CPU Clock
q
500 ns Multiplication (16
× 16 bit), 1 µs Division (32 / 16 bit)
q
Enhanced Boolean Bit Manipulation Facilities
q
Register-Based Design with Multiple Variable Register Banks
q
Single-Cycle Context Switching Support
q
Up to 256 KBytes Linear Address Space for Code and Data
q
1 KByte On-Chip RAM
q
32 KBytes On-Chip ROM (SAB 83C166 only)
q
Programmable External Bus Characteristics for Different Address Ranges
q
8-Bit or 16-Bit External Data Bus
q
Multiplexed or Demultiplexed External Address/Data Buses
q
Hold and Hold-Acknowledge Bus Arbitration Support
q
512 Bytes On-Chip Special Function Register Area
q Idle and Power Down Modes
q
8-Channel Interrupt-Driven Single-Cycle Data Transfer Facilities via Peripheral Event
Controller (PEC)
q
16-Priority-Level Interrupt System
q
10-Channel 10-bit A/D Converter with 9.7
µs Conversion Time
q
16-Channel Capture/Compare Unit
q
Two Multi-Functional General Purpose Timer Units with 5 Timers
q Two Serial Channels (USARTs)
q
Programmable Watchdog Timer
q
Up to 76 General Purpose I/O Lines
q
Supported by a Wealth of Development Tools like C-Compilers, Macro-Assembler Packages,
Emulators, Evaluation Boards, HLL-Debuggers, Simulators, Logic Analyzer Disassemblers,
Programming Boards
q
On-Chip Bootstrap Loader
q 100-Pin Plastic MQFP Package (EIAJ)
C16x-Family of
High-Performance CMOS 16-Bit Microcontrollers
Preliminary
SAB 80C166/83C166
16-Bit Microcontroller
SAB 80C166/83C166



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com