Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 2 Page - Texas Instruments

Part # MSP430F5259
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 2 Page - Texas Instruments

  MSP430F5259_15 Datasheet HTML 1Page - Texas Instruments MSP430F5259_15 Datasheet HTML 2Page - Texas Instruments MSP430F5259_15 Datasheet HTML 3Page - Texas Instruments MSP430F5259_15 Datasheet HTML 4Page - Texas Instruments MSP430F5259_15 Datasheet HTML 5Page - Texas Instruments MSP430F5259_15 Datasheet HTML 6Page - Texas Instruments MSP430F5259_15 Datasheet HTML 7Page - Texas Instruments MSP430F5259_15 Datasheet HTML 8Page - Texas Instruments MSP430F5259_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
1.2
Applications
•
"Always-On" System Controllers
•
Analog and Digital Sensor Fusion Systems
•
Power-Management Hubs
•
Data Loggers
•
Bluetooth® Controllers
•
General-Purpose Applications
1.3
Description
Using an "always-on" ultra-low-power system controller can significantly reduce power consumption on
portable devices like handsets and tablets. These controllers can act as sensor hubs and monitor user
stimuli (for example, reading inertial sensors or touch sensors) and vital system parameters like battery
health and temperature, while power-hungry application processors and touch screen controllers are
turned off. The microcontroller can then "wake up" the system based on a user input or on a fault
condition that requires CPU intervention.
The MSP430F525x series is the latest addition to the 1.8-V split-rail I/O portfolio (previously only available
on MSP430F522x) and is specifically designed for "always-on" system controller applications. 1.8-V I/O
allows for seamless interface to application processors and other devices without the need for external
level translation, while the primary supply to the MCU can be on a higher voltage rail.
Compared to the MSP430F522x, the MSP430F525x provides up to four times more RAM (32KB) and
double the serial interfaces (four USCI_A and four USCI_B). The MSP430F525x also features four 16-bit
timers, a high-performance 10-bit analog-to-digital converter (ADC), a hardware multiplier, DMA, a
comparator, and a real-time clock (RTC) module with alarm capabilities. The MSP430F525x consumes
290 µA/MHz (typical) in active mode running from flash memory, and it consumes 1.6 µA (typical) in
standby mode (LPM3). The MSP430F525x can switch to active mode in 3.5 µs (typical), which makes it a
great fit for "always-on" low-power applications.
Key benefits of the MSP430F525x are as follows:
•
Up to 32KB of RAM allows complex sensor hub algorithms and high levels of aggregation such as
keyboard control and power management.
•
Four USCI_A and four USCI_B allow for eight concurrent dedicated hardware serial interfaces (for
example, four I2C and four SPI) for fast and robust communication to sensors or peripheral devices.
•
Up to 35 I/Os that can be used in the 1.8-V voltage rail.
Typical applications include analog and digital sensor fusion systems, data loggers, and various general-
purpose applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
MSP430F5259IRGC
VQFN (64)
9 mm × 9 mm
MSP430F5252IZQE
BGA (80)
See Section 8
(1)
For the most current part, package, and ordering information for all available devices, see the Package
Option Addendum in Section 8, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 8.
2
Device Overview
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com