Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 21 Page - Texas Instruments

Part # MSP430F5259
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSP430F5259_15 Datasheet HTML 17Page - Texas Instruments MSP430F5259_15 Datasheet HTML 18Page - Texas Instruments MSP430F5259_15 Datasheet HTML 19Page - Texas Instruments MSP430F5259_15 Datasheet HTML 20Page - Texas Instruments MSP430F5259_15 Datasheet HTML 21Page - Texas Instruments MSP430F5259_15 Datasheet HTML 22Page - Texas Instruments MSP430F5259_15 Datasheet HTML 23Page - Texas Instruments MSP430F5259_15 Datasheet HTML 24Page - Texas Instruments MSP430F5259_15 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
5.11 Leakage Current – General-Purpose I/O DVCC Domain
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
Ilkg(Px.y)
High-impedance leakage current
See (1)(2)
1.8 V, 3 V
–50
50
nA
(1)
The leakage current is measured with VSS or VCC applied to the corresponding pins, unless otherwise noted.
(2)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
5.12 Leakage Current – General-Purpose I/O DVIO Domain
(P1.0 to P1.7, P2.0 to P2.7, P3.0 to P3.4, P4.0 to P4.7, P7.0 to P7.5)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VIO
(1)
MIN
MAX
UNIT
Ilkg(Px.y)
High-impedance leakage current
See (2)(3)
1.62 V to 1.98 V
–50
50
nA
(1)
In all test conditions, VIO ≤ VCC.
(2)
The leakage current is measured with VSS or VIO applied to the corresponding pins, unless otherwise noted.
(3)
The leakage of the digital port pins is measured individually. The port pin is selected for input and the pullup or pulldown resistor is
disabled.
5.13 Outputs – General-Purpose I/O DVCC Domain (Full Drive Strength)
(P5.0 to P5.5, P6.0 to P6.7, PJ.0 to PJ.3)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
MAX
UNIT
I(OHmax) = –3 mA
(1)
VCC – 0.25
VCC
1.8 V
I(OHmax) = –10 mA
(2)
VCC – 0.60
VCC
VOH
High-level output voltage
V
I(OHmax) = –5 mA
(1)
VCC – 0.25
VCC
3 V
I(OHmax) = –15 mA
(2)
VCC – 0.60
VCC
I(OLmax) = 3 mA
(1)
VSS VSS + 0.25
1.8 V
I(OLmax) = 10 mA
(2)
VSS VSS + 0.60
VOL
Low-level output voltage
V
I(OLmax) = 5 mA
(1)
VSS VSS + 0.25
3 V
I(OLmax) = 15 mA
(2)
VSS VSS + 0.60
(1)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±48 mA to hold the maximum voltage drop
specified.
(2)
The maximum total current, I(OHmax) and I(OLmax), for all outputs combined should not exceed ±100 mA to hold the maximum voltage
drop specified.
Copyright © 2013–2015, Texas Instruments Incorporated
Specifications
21
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com