Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 6 Page - Texas Instruments

Part # MSP430F5259
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 6 Page - Texas Instruments

Back Button MSP430F5259_15 Datasheet HTML 2Page - Texas Instruments MSP430F5259_15 Datasheet HTML 3Page - Texas Instruments MSP430F5259_15 Datasheet HTML 4Page - Texas Instruments MSP430F5259_15 Datasheet HTML 5Page - Texas Instruments MSP430F5259_15 Datasheet HTML 6Page - Texas Instruments MSP430F5259_15 Datasheet HTML 7Page - Texas Instruments MSP430F5259_15 Datasheet HTML 8Page - Texas Instruments MSP430F5259_15 Datasheet HTML 9Page - Texas Instruments MSP430F5259_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
www.ti.com
3
Device Comparison
Table 3-1 summarizes the available family members.
Table 3-1. Family Members(1)(2)
USCI
ADC10
COMP
CHANNEL
CHANNEL
FLASH
SRAM
I/O
I/O
BSL
DEVICE
Timer_A(3)
Timer_B(4)
_A
_B
PACKAGE
A:
B:
(KB)
(KB)
DVCC(5)
DVIO(6)
TYPE
(Ch)
(Ch)
UART,
SPI, I2C
IrDA, SPI
10 ext,
64 RGC
MSP430F5259
128
32
5, 3, 3
7
4
4
8
18
35
I2C
2 int
80 ZQE
64 RGC
MSP430F5258
128
32
5, 3, 3
7
4
4
N/A
8
18
35
I2C
80 ZQE
10 ext,
64 RGC
MSP430F5257
128
16
5, 3, 3
7
4
4
8
18
35
I2C
2 int
80 ZQE
64 RGC
MSP430F5256
128
16
5, 3, 3
7
4
4
N/A
8
18
35
I2C
80 ZQE
10 ext,
64 RGC
MSP430F5255
128
32
5, 3, 3
7
4
4
8
18
35
UART
2 int
80 ZQE
64 RGC
MSP430F5254
128
32
5, 3, 3
7
4
4
N/A
8
18
35
UART
80 ZQE
10 ext,
64 RGC
MSP430F5253
128
16
5, 3, 3
7
4
4
8
18
35
UART
2 int
80 ZQE
64 RGC
MSP430F5252
128
16
5, 3, 3
7
4
4
N/A
8
18
35
UART
80 ZQE
(1)
For the most current package and ordering information, see the Package Option Addendum in Section 8, or see the TI website at
www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/packaging.
(3)
Each number in the sequence represents an instantiation of Timer_A with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_A, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(4)
Each number in the sequence represents an instantiation of Timer_B with its associated number of capture compare registers and PWM
output generators available. For example, a number sequence of 3, 5 would represent two instantiations of Timer_B, the first
instantiation having 3 and the second instantiation having 5 capture compare registers and PWM output generators, respectively.
(5)
All of these I/O reside on a single voltage rail supplied by DVCC.
(6)
All of these I/O reside on a single voltage rail supplied by DVIO.
6
Device Comparison
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com