Electronic Components Datasheet Search
  English  ▼

X  

MSP430F5259 Datasheet(PDF) 53 Page - Texas Instruments

Part # MSP430F5259
Description  Mixed-Signal Microcontrollers
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5259 Datasheet(HTML) 53 Page - Texas Instruments

Back Button MSP430F5259_15 Datasheet HTML 49Page - Texas Instruments MSP430F5259_15 Datasheet HTML 50Page - Texas Instruments MSP430F5259_15 Datasheet HTML 51Page - Texas Instruments MSP430F5259_15 Datasheet HTML 52Page - Texas Instruments MSP430F5259_15 Datasheet HTML 53Page - Texas Instruments MSP430F5259_15 Datasheet HTML 54Page - Texas Instruments MSP430F5259_15 Datasheet HTML 55Page - Texas Instruments MSP430F5259_15 Datasheet HTML 56Page - Texas Instruments MSP430F5259_15 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 112 page
background image
MSP430F5259, MSP430F5258, MSP430F5257, MSP430F5256
MSP430F5255, MSP430F5254, MSP430F5253, MSP430F5252
www.ti.com
SLAS903B – MAY 2013 – REVISED NOVEMBER 2015
Table 6-6. JTAG Pin Requirements and Functions
DEVICE SIGNAL
DIRECTION
FUNCTION
PJ.3/TCK
IN
JTAG clock input
PJ.2/TMS
IN
JTAG state control
PJ.1/TDI/TCLK
IN
JTAG data input, TCLK input
PJ.0/TDO
OUT
JTAG data output
TEST/SBWTCK
IN
Enable JTAG pins
RSTDVCC/SBWTDIO
IN
External reset
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
6.6.2
Spy-Bi-Wire Interface
In addition to the standard JTAG interface, the MSP430 family supports the two wire Spy-Bi-Wire
interface. Spy-Bi-Wire can be used to interface with MSP430 development tools and device programmers.
Table 6-7 lists the Spy-Bi-Wire interface pin requirements. For further details on interfacing to
development tools and device programmers, see the MSP430™ Hardware Tools User's Guide
(SLAU278). For a complete description of the features of the JTAG interface and its implementation, see
MSP430™ Programming Via the JTAG Interface (SLAU320). Additional information can be found in
Designing With MSP430F522x and MSP430F521x Devices (SLAA558).
NOTE
All SBW I/O pins are supplied by DVCC.
NOTE
Traditionally, on other MSP430 devices, the RST/NMI pin is used for SBWTDIO, so care
must be taken not to mistakenly use the incorrect pin. On the F525x series of devices, it is
required to use RSTDVCC for SBWTDIO as shown in Table 6-7. Additional information can
be found in Designing With MSP430F522x and MSP430F521x Devices (SLAA558).
Table 6-7. Spy-Bi-Wire Pin Requirements and Functions
DEVICE SIGNAL
DIRECTION
FUNCTION
TEST/SBWTCK
IN
Spy-Bi-Wire clock input
RSTDVCC/SBWTDIO
IN, OUT
Spy-Bi-Wire data input/output
DVCC, AVCC
Device power supply
DVIO
I/O power supply
DVSS
Ground supply
Copyright © 2013–2015, Texas Instruments Incorporated
Detailed Description
53
Submit Documentation Feedback
Product Folder Links: MSP430F5259 MSP430F5258 MSP430F5257 MSP430F5256 MSP430F5255 MSP430F5254
MSP430F5253 MSP430F5252



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com