Electronic Components Datasheet Search
  English  ▼

X  

TLE6244 Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 27Page - Infineon Technologies AG TLE6244 Datasheet HTML 28Page - Infineon Technologies AG TLE6244 Datasheet HTML 29Page - Infineon Technologies AG TLE6244 Datasheet HTML 30Page - Infineon Technologies AG TLE6244 Datasheet HTML 31Page - Infineon Technologies AG TLE6244 Datasheet HTML 32Page - Infineon Technologies AG TLE6244 Datasheet HTML 33Page - Infineon Technologies AG TLE6244 Datasheet HTML 34Page - Infineon Technologies AG TLE6244 Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
Final Data Sheet
31
V4.2, 2003-08-29
TLE 6244X
When the bit BMUX in CONFIG is set to Low, the power stages 1...7 and 9...16 are controlled by
the µsec-bus-interface on condition that registers MUX_REG1/2 are configured for serial access.
The received µsec-bus bit stream (D0... D15) is latched into a 16-bit register by the rising edge at
SSY. Power stages 1...7 and 9...16 are switched according to bits D0...D7 and D9...D15:
Bit Dx = 0:
Power stage OUTx is switched on
Bit Dx = 1:
Power stage OUTx is switched off
State of reset:
FFFFH
Because the power stage 8 is not controlled by the µsec-bus-interface, the corresponding bit D8
can be used as test bit, that can be read back by the SPI-interface (see register RD_INP1).
If the µsec-bus-interface is used to control the power stages, the input pins IN1..IN5 and
IN8...IN15 can be used as input port expander by reading the status of the input pins by the SPI-
commands RD_INP1/2.
µsec-bus
control of
power stage
µsec-bus
control of
power stage
D0
OUT14
D8
µsec-bus Test
Bit
D1
OUT1
D9
OUT11
D2
OUT2
D10
OUT10
D3
OUT3
D11
OUT9
D4
OUT4
D12
OUT12
D5
OUT5
D13
OUT13
D6
OUT6
D14
OUT16
D7
OUT7
D15
OUT15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com