Electronic Components Datasheet Search
  English  ▼

X  

TLE6244 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 5Page - Infineon Technologies AG TLE6244 Datasheet HTML 6Page - Infineon Technologies AG TLE6244 Datasheet HTML 7Page - Infineon Technologies AG TLE6244 Datasheet HTML 8Page - Infineon Technologies AG TLE6244 Datasheet HTML 9Page - Infineon Technologies AG TLE6244 Datasheet HTML 10Page - Infineon Technologies AG TLE6244 Datasheet HTML 11Page - Infineon Technologies AG TLE6244 Datasheet HTML 12Page - Infineon Technologies AG TLE6244 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Final Data Sheet
9
V4.2, 2003-08-29
TLE 6244X
1.6 SPI Interface
The serial SPI interface establishes a communication link between TLE6244X and the systems mi-
crocontroller. TLE6244X always operates in slave mode whereas the controller provides the mas-
ter function. The maximum baud rate is 5 MBaud.
The TLE6244X is selected by the SPI master by an active slave select signal at SS and by the first
two bits of the SPI instruction.SI is the data input (Slave In), SO the data output (Slave Out). Via
SCK (Serial Clock Input) the SPI clock is provided by the master.
In case of inactive slave select signal (High) the data output SO goes into tristate.
Block Diagram:
SPI Control:
SO
SCK
SI
SS
Power Stages 1..16
State Machine
Shift Register
Power Stages 1..18
MUX_REG1,2
SCON_REG1...3
Clock Counter
Control Bits
Parity Generator
Power Stages 1..18
STATCON_REG
DIA_REG1...5
VDD-Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com