Electronic Components Datasheet Search
  English  ▼

X  

TLE6244 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 59Page - Infineon Technologies AG TLE6244 Datasheet HTML 60Page - Infineon Technologies AG TLE6244 Datasheet HTML 61Page - Infineon Technologies AG TLE6244 Datasheet HTML 62Page - Infineon Technologies AG TLE6244 Datasheet HTML 63Page - Infineon Technologies AG TLE6244 Datasheet HTML 64Page - Infineon Technologies AG TLE6244 Datasheet HTML 65Page - Infineon Technologies AG TLE6244 Datasheet HTML 66Page - Infineon Technologies AG TLE6244 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
Final Data Sheet
63
V4.2, 2003-08-29
TLE 6244X
3.11.4 Filtering
Time Power
Switches
Time from occurrence of one of
the errors ’short to ground’, ’open
load’ or ’short to battery’ until the
fault is entered into the corre-
sponding diagnostic register.
Time from occurrence of OT until
the information is entered into the
corresponding diagnostic register.
B
C
tDiag
tDiatOT
60
3
240
30
µs
µs
3.11.5 Diagnostic
Threshold
UBatt
Bit Ubatt in DIA_REG5
Uth,UB
19
V
3.12 Reverse Cur-
rents
3.12.1 Reverse Cur-
rent at
OUT1...18
without Sup-
ply Voltage
UVDD ≤ 1V
Static
Dynamic
(Test pulse 1 according to ISO:
100V, Ri = 10W, 2ms)
C
C
C
C
C
C
C
C
-IO1...6
-IO9...16
-IO7,8
-IO17,18
-IO1...6
-IO9...16
-IO7,8
-IO17,18
3
3
0.8
0.8
10
10
1.5
1.5
A
A
A
A
A
A
A
A
3.12.2 Reverse Cur-
rent at
OUT1...OUT18
in Operation
Mode
4.5V
≤ UVDD ≤ 5.5V
Pulsed power stage.
Neighboring stages, reset, input
signals of the power stages, VDD-
monitoring, SPI interface (incl. reg-
isters) and µsec-bus must not be
disturbed. Diagnostics of fault con-
ditions at neighboring stages is still
possible. Control bits in the SPI
registers (serial control of power
stages are not disturbed).
Open load failure at neighboring
stages may be detected as short
to ground
Open load failure at neighboring
stages are not detected as short
to ground
C
C
C
C
C
C
C
-IO1...16
-IO7,8
-IO17,18
-IO1...4
-IO5...16
-IO7,8
-IO17,18
1
0.3
0.3
0.5
0.25
0.3
0.3
A
A
A
A
A
A
A
Destruction limit
C
C
C
C
-IO1...6
-IO9...16
-IO7,8
-IO17,18
3
3
0.8
0.8
A
A
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com