Electronic Components Datasheet Search
  English  ▼

X  

TLE6244 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 26Page - Infineon Technologies AG TLE6244 Datasheet HTML 27Page - Infineon Technologies AG TLE6244 Datasheet HTML 28Page - Infineon Technologies AG TLE6244 Datasheet HTML 29Page - Infineon Technologies AG TLE6244 Datasheet HTML 30Page - Infineon Technologies AG TLE6244 Datasheet HTML 31Page - Infineon Technologies AG TLE6244 Datasheet HTML 32Page - Infineon Technologies AG TLE6244 Datasheet HTML 33Page - Infineon Technologies AG TLE6244 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
Final Data Sheet
30
V4.2, 2003-08-29
TLE 6244X
1.7 µsec - Bus Interface
The µsec-bus-interface is one of three possibilities to control the power stages. OUT1...OUT7
and OUT9...OUT16 are influenced by the reset input RST. If RST is set to Low, these power
stages are switched off. After reset they are controlled by the SPI (default initialization of
TLE6244X). Power stage 8 however is not influenced by the reset input if it’s controlled by IN8
and UVDD > 3,5V. Alternatively these outputs can be controlled either by the pins IN1...IN16 or by
the µsec-bus interface. Exception: OUT8 can be controlled by IN8 or by the SPI-interface only.
The bit ’Bus-Multiplex’ (BMUX) in the SPI register CONFIG prescribes parallel access (IN1...IN7,
IN9...IN16) or µsec-bus control (see figure below). Exception: If BMUX is set to ‘0’ only the power-
stages OUT1...OUT7 and OUT9...OUT16 are controlled by the µsec-bus.
Main features:
- 16 data bits for each data-frame (at the pin FDA)
- 16 clock-pulses for each data-frame (at the pin FCL)
- clock frequency TLE6244: 0...16 MHz
- one sync -input (pin SSY) to latch the input data stream
- input level interface same as for IN6, IN7, IN16
- no error correction
SSY
FCL
D0
D1
don’t care
D15
D14
Data-Frame
FDA
D0
16 bit shift register
FDA
FCL
SSY
SCON_REG
Principle of the µsec-bus interface
16 bit µsec-bus Reg.
SPI-shift-reg
SPI
INx
BMUX
MUX_REG
OUTx
Glitch
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com