Electronic Components Datasheet Search
  English  ▼

X  

TLE6244 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 4Page - Infineon Technologies AG TLE6244 Datasheet HTML 5Page - Infineon Technologies AG TLE6244 Datasheet HTML 6Page - Infineon Technologies AG TLE6244 Datasheet HTML 7Page - Infineon Technologies AG TLE6244 Datasheet HTML 8Page - Infineon Technologies AG TLE6244 Datasheet HTML 9Page - Infineon Technologies AG TLE6244 Datasheet HTML 10Page - Infineon Technologies AG TLE6244 Datasheet HTML 11Page - Infineon Technologies AG TLE6244 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Final Data Sheet
8
V4.2, 2003-08-29
TLE 6244X
1.5 Function of Pins
IN1 to IN16
Control inputs of the power stages
Internal pull-up current sources (exception: IN8 with pull-down current
source)
FCL
Clock for the µsec-bus (pin shared with IN16)
FDA
Data for the µsec-bus (pin shared with IN6)
SSY
Strobe and Synchronisation for the µsec-bus (pin shared with IN7)
OUT1 to OUT18
Outputs of the power switches
Short-circuit proof
Low side switches
Limitation of the output voltage by zener diodes
VDD
Supply voltage 5V
UBatt
Supply voltage UBatt
Pin must not be left open but has to be connected either to UBatt or to VDD
(e.g. in commercial vehicles)
GND1 to GND8
Ground pins
Ground pins for the power stages (see 2.4)
Ground reference of all logic signals is GND1/2
RST
Reset
Active low
Locks all power switches regardless of their input signals (except OUT8)
Clears the fault registers
Resets the µsec-bus interface registers
ABE
In-/Output VDD-Monitoring
Active low
Output pin for the VDD-Monitoring
Input pin for the shut-off signal coming from the supervisor
GND_ABE
Sense ground VDD-Monitoring
SI, SO, SCK, SS
SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com