Electronic Components Datasheet Search
  English  ▼

X  

TLE6244 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 28Page - Infineon Technologies AG TLE6244 Datasheet HTML 29Page - Infineon Technologies AG TLE6244 Datasheet HTML 30Page - Infineon Technologies AG TLE6244 Datasheet HTML 31Page - Infineon Technologies AG TLE6244 Datasheet HTML 32Page - Infineon Technologies AG TLE6244 Datasheet HTML 33Page - Infineon Technologies AG TLE6244 Datasheet HTML 34Page - Infineon Technologies AG TLE6244 Datasheet HTML 35Page - Infineon Technologies AG TLE6244 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
Final Data Sheet
32
V4.2, 2003-08-29
TLE 6244X
1.8 Unused Power Stages
To avoid an „open load“ fault indication an unused power switch has to be connected to an exter-
nal pull up resistor connected to UUB or has to be switched on by the input pin or via SPI or the
µsec-bus-interface.
RPull-up,max = (UBRmin - Udrop,max - UthresOL,max) / Idiag,max
UBRmin is the required minimum battery voltage for diagnostic function of the ECU. The drop volt-
age is composed of the drop voltage of the regulator and the drop voltage of the reverse protec-
tion circuit of the regulator resp. the forward voltage of a reverse protection diode.
Attention:
This equation also applies to power switches that are used as signal drivers (pull up resistor
inside ECU or outside ECU): the permissible pull up resistance without a wrong diagnostic infor-
mation is calculated by the same equation. On dimensioning the pull up resistance in combination
with the diagnostic current, in applications as signal drivers attention must be paid especially to
the required high level (also for low battery voltage).
TLE6244X
Idiag
RPull-up
UthresOL
UBR
UUB
UBatt
Voltage
OUTi
Udrop
UUBatt
regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com