Electronic Components Datasheet Search
  English  ▼

X  

TLE6244 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6244
Description  18 Channel Smart Lowside Switch
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6244 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6244 Datasheet HTML 2Page - Infineon Technologies AG TLE6244 Datasheet HTML 3Page - Infineon Technologies AG TLE6244 Datasheet HTML 4Page - Infineon Technologies AG TLE6244 Datasheet HTML 5Page - Infineon Technologies AG TLE6244 Datasheet HTML 6Page - Infineon Technologies AG TLE6244 Datasheet HTML 7Page - Infineon Technologies AG TLE6244 Datasheet HTML 8Page - Infineon Technologies AG TLE6244 Datasheet HTML 9Page - Infineon Technologies AG TLE6244 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Final Data Sheet
6
V4.2, 2003-08-29
TLE 6244X
1.4 Pinout
Function
Pin
Pin Number
Input 1
IN1
7
Input 2
IN2
46
Input 3
IN3
10
Input 4
IN4
43
Input 5
IN5
6
Input 6 or FDA
IN6
63
Input 7 or SSY
IN7
61
Input 8
IN8
22
Input 9
IN9
20
Input 10
IN10
33
Input 11
IN11
5
Input 12
IN12
48
Input 13
IN13
13
Input 14
IN14
40
Input 15
IN15
1
Input 16 or FCL
IN16
62
Output 1
OUT1
8
Output 2
OUT2
45
Output 3
OUT3
9
Output 4
OUT4
44
Output 5_1
OUT5_1
16
Output 5_2
OUT5_2
17
Output 6_1
OUT6_1
37
Output 6_2
OUT6_2
36
Output 7
OUT7
60
Output 8
OUT8
57
Output 9_1
OUT9_1
18
Output 9_2
OUT9_2
19
Output 10_1
OUT10_1
35
Output 10_2
OUT10_2
34
Output 11
OUT11
4
Output 12
OUT12
49
Output 13_1
OUT13_1
14
Output 13_2
OUT13_2
15
Output 14_1
OUT14_1
39
Output 14_2
OUT14_2
38
Output 15_1
OUT15_1
2
Output 15_2
OUT15_2
3
Output 16_1
OUT16_1
51
Output 16_2
OUT16_2
50
Output 17
OUT17
25
Output 18
OUT18
28
(Note: OUTxy_1 and OUTxy_2 have to be connected externally!)
Slave Select
SS
56
Serial Output
SO
53
Serial Input
SI
55
SPI Clock
SCK
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com