Electronic Components Datasheet Search
  English  ▼

X  

S3P72P9 Datasheet(PDF) 44 Page - Samsung semiconductor

Part # S3P72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72P9 Datasheet(HTML) 44 Page - Samsung semiconductor

Back Button S3P72P9 Datasheet HTML 40Page - Samsung semiconductor S3P72P9 Datasheet HTML 41Page - Samsung semiconductor S3P72P9 Datasheet HTML 42Page - Samsung semiconductor S3P72P9 Datasheet HTML 43Page - Samsung semiconductor S3P72P9 Datasheet HTML 44Page - Samsung semiconductor S3P72P9 Datasheet HTML 45Page - Samsung semiconductor S3P72P9 Datasheet HTML 46Page - Samsung semiconductor S3P72P9 Datasheet HTML 47Page - Samsung semiconductor S3P72P9 Datasheet HTML 48Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 225 page
background image
ADDRESSING MODES
S3C72P9/P72P9 (Preliminary Spec)
3-8
+
+ PROGRAMMING TIP — 1-Bit Addressing Modes (Continued)
1-Bit Indirect Addressing
1. If EMB = "0":
AFLAG
EQU
34H.3
BFLAG
EQU
85H.3
CFLAG
EQU
0BAH.0
SMB
0
LD
H,#0BH;
H
← #0BH
BTSTZ
@H+CFLAG
;
If 0BAH.0 = 1, 0BAH.0
← 0 and skip
BITS
CFLAG ;
Else if 0BAH.0 = 0, FBAH.0
← 1
2. If EMB = "1":
AFLAG
EQU
34H.3
BFLAG
EQU
85H.3
CFLAG
EQU
0BAH.0
SMB
0
LD
H,#0BH
; H
← #0BH
BTSTZ
@H+CFLAG
; If 0BAH.0 = 1, 0BAH.0
← 0 and skip
BITS
CFLAG
; Else if 0BAH.0 = 0, 0BAH.0
← 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com