Electronic Components Datasheet Search
  English  ▼

X  

S3P72P9 Datasheet(PDF) 89 Page - Samsung semiconductor

Part # S3P72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72P9 Datasheet(HTML) 89 Page - Samsung semiconductor

Back Button S3P72P9 Datasheet HTML 85Page - Samsung semiconductor S3P72P9 Datasheet HTML 86Page - Samsung semiconductor S3P72P9 Datasheet HTML 87Page - Samsung semiconductor S3P72P9 Datasheet HTML 88Page - Samsung semiconductor S3P72P9 Datasheet HTML 89Page - Samsung semiconductor S3P72P9 Datasheet HTML 90Page - Samsung semiconductor S3P72P9 Datasheet HTML 91Page - Samsung semiconductor S3P72P9 Datasheet HTML 92Page - Samsung semiconductor S3P72P9 Datasheet HTML 93Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
MEMORY MAP
4-39
TMOD1 — Timer/Counter 1 Mode Register
T/C
FA1H, FA0H
Bit
3
2
1
0
3
2
1
0
Identifier
"0"
.6
.5
.4
.3
.2
"0"
"0"
RESET
RESET Value
0
0
0
0
0
0
0
0
Read/Write
W
W
W
W
W
W
W
W
Bit Addressing
8
8
8
8
1/8
8
8
8
TMOD1.7
Bit 7
0
Always logic zero
TMOD1.6 – .4
Timer/Counter 1 Input Clock Selection Bit
0
0
0
External clock input at TCL1 pin on rising edge
0
0
1
External clock input at TCL1 pin on falling edge
1
0
0
fxx/210 (4.09 kHz)
1
0
1
fxx/28 (16.4 kHz)
1
1
0
fxx/26 (65.5 kHz)
1
1
1
fxx/24 (262 kHz)
NOTE:
“fxx” is selected system clock of 4.19 MHz
TMOD1.3
Clear Counter and Resume Counting Control Bit
1
Clear TCNT1, IRQT1, and TOL1 and resume counting immediately
(This bit is cleared automatically when counting starts.)
TMOD1.2
Enable/Disable Timer/Counter 1 Bit
0
Disable timer/counter 1; retain TCNT1 contents
1
Enable timer/counter 1
TMOD1.1
Bit 1
0
Always logic zero
TMOD1.0
Bit 0
0
Always logic zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com