Electronic Components Datasheet Search
  English  ▼

X  

S3P72P9 Datasheet(PDF) 70 Page - Samsung semiconductor

Part # S3P72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72P9 Datasheet(HTML) 70 Page - Samsung semiconductor

Back Button S3P72P9 Datasheet HTML 66Page - Samsung semiconductor S3P72P9 Datasheet HTML 67Page - Samsung semiconductor S3P72P9 Datasheet HTML 68Page - Samsung semiconductor S3P72P9 Datasheet HTML 69Page - Samsung semiconductor S3P72P9 Datasheet HTML 70Page - Samsung semiconductor S3P72P9 Datasheet HTML 71Page - Samsung semiconductor S3P72P9 Datasheet HTML 72Page - Samsung semiconductor S3P72P9 Datasheet HTML 73Page - Samsung semiconductor S3P72P9 Datasheet HTML 74Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 225 page
background image
MEMORY MAP
S3C72P9/P72P9 (Preliminary Spec)
4-20
IMODK — External Key Interrupt Mode Register
CPU
FB6H
Bit
3
2
1
0
Identifier
"0"
IMODK.2
IMODK.1
IMODK.0
RESET
RESET Value
0
0
0
0
Read/Write
W
W
W
W
Bit Addressing
4
4
4
4
IMODK.3
Bit 3
0
Always logic zero
IMODK.2
External Key Interrupt Edge Detection Selection Bit
0
Falling edge detection
1
Rising edge detection
IMODK.1 – .0
External Key Interrupt Mode Control Bits
0
0
Disable key interrupt
0
1
Enable edge detection at K0–K3 pins
1
0
Enable edge detection at K4-K7 pins
1
1
Enable edge detection at K0–K7 pins
NOTES:
1.
To generate a key interrupt, all of the selected pins must be configured to input mode. If any one of the selected pins
is configured to output mode, only falling edge can be detected.
2.
To generate a key interrupt, all of the selected pins must be at input high state for falling edge detection, or all of the
selected pins must be at input low state for rising edge detection. If any one of them or more is at input low state or
input high state, the interrupt may be not occurred at falling edge or rising edge.
3.
To generate a key interrupt, first, configure pull-up resistors or external pull-down resistors. And then, select edge
detection and pins by setting IMODK register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com