Electronic Components Datasheet Search
  English  ▼

X  

S3P72P9 Datasheet(PDF) 49 Page - Samsung semiconductor

Part # S3P72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72P9 Datasheet(HTML) 49 Page - Samsung semiconductor

Back Button S3P72P9 Datasheet HTML 45Page - Samsung semiconductor S3P72P9 Datasheet HTML 46Page - Samsung semiconductor S3P72P9 Datasheet HTML 47Page - Samsung semiconductor S3P72P9 Datasheet HTML 48Page - Samsung semiconductor S3P72P9 Datasheet HTML 49Page - Samsung semiconductor S3P72P9 Datasheet HTML 50Page - Samsung semiconductor S3P72P9 Datasheet HTML 51Page - Samsung semiconductor S3P72P9 Datasheet HTML 52Page - Samsung semiconductor S3P72P9 Datasheet HTML 53Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
ADDRESSING MODES
3-13
8-BIT ADDRESSING
Table 3-4. 8-Bit Direct and Indirect RAM Addressing
Instruction
Notation
Addressing Mode
Description
EMB Flag
Setting
Addressable
Area
Memory
Bank
Hardware I/O
Mapping
DA
Direct: 8-bit address indicated
0
000H–07FH
Bank 0
–
by the RAM address (DA =
even number) and memory
bank selection
F80H–FFFH
Bank 15
All 8-bit
addressable
peripherals
1
000H–FFFH
SMB = 0, 1,
2, 3, 4, 15
(SMB = 15)
@HL
Indirect: the 8-bit address indi-
cated by the memory bank
selection and register HL; (the
4-bit L register value must be
an even number)
0
000H–0FFH
Bank 0
–
1
000H–FFFH
SMB = 0, 1,
2, 3, 4, 15
All 8-bit
addressable
peripherals
(SMB = 15)
+
+ PROGRAMMING TIP — 8-Bit Addressing Modes
8-Bit Direct Addressing
1. If EMB = "0":
ADATA
EQU
46H
BDATA
EQU
8EH
SMB
15
; Non-essential instruction, since EMB = "0"
LD
EA,P4
; E
← (P5), A ← (P4)
SMB
0
LD
ADATA,EA
; (046H)
← A, (047H) ← E
LD
BDATA,EA
; (F8EH)
← A, (F8FH) ← E
2. If EMB = "1":
ADATA
EQU
46H
BDATA
EQU
8EH
SMB
15
LD
EA,P4
; E
← (P5), A ← (P4)
SMB
0
LD
ADATA,EA
; (046H)
← A, (047H) ← E
LD
BDATA,EA
; (08EH)
← A, (08FH) ← E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com