Electronic Components Datasheet Search
  English  ▼

X  

S3P72P9 Datasheet(PDF) 21 Page - Samsung semiconductor

Part # S3P72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72P9 Datasheet(HTML) 21 Page - Samsung semiconductor

Back Button S3P72P9 Datasheet HTML 17Page - Samsung semiconductor S3P72P9 Datasheet HTML 18Page - Samsung semiconductor S3P72P9 Datasheet HTML 19Page - Samsung semiconductor S3P72P9 Datasheet HTML 20Page - Samsung semiconductor S3P72P9 Datasheet HTML 21Page - Samsung semiconductor S3P72P9 Datasheet HTML 22Page - Samsung semiconductor S3P72P9 Datasheet HTML 23Page - Samsung semiconductor S3P72P9 Datasheet HTML 24Page - Samsung semiconductor S3P72P9 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
ADDRESS SPACES
2-9
Memory Banks 0, 1, 2, 3, 4 and 15
Bank 0
(000H–0FFH)
The lowest 32 nibbles of bank 0 (000H–01FH) are used as working registers;
the next 224 nibbles (020H–0FFH) can be used both as stack area and as
general-purpose data memory. Use the stack area for implementing subroutine
calls and returns, and for interrupt processing.
Bank 1
(100H–1FFH)
Bank 1 is used for general-purpose.
Bank 2
(200H–2FFH)
The 224 nibbles of bank 2 are for display registers or general-purpose use;
locations 2xE and 2xF (x = 0–F) are for general-purpose use in bank 2.
Detailed map on bank 2 is shown in Section 12 LCD Controller/Driver.
Bank 3
(300H–3FFH)
Bank 3 is used for general-purpose.
Bank 4
(400H–4FFH)
Bank 4 is used for general-purpose.
Bank 15
(F80H–FFFH)
The microcontroller uses bank 15 for memory-mapped peripheral I/O. Fixed
RAM locations for each peripheral hardware address are mapped into this area.
Data Memory Addressing Modes
The enable memory bank (EMB) flag controls the addressing mode for data memory banks 0, 1, 2, 3, 4 or 15.
When the EMB flag is logic zero, the addressable area is restricted to specific locations, depending on whether
direct or indirect addressing is used. With direct addressing, you can access locations 000H–07FH of bank 0 and
bank 15. With indirect addressing, only bank 0 (000H–0FFH) can be accessed. When the EMB flag is set to logic
one, all four data memory banks can be accessed according to the current SMB value.
For 8-bit addressing, two 4-bit registers are addressed as a register pair. Also, when using 8-bit instructions to
address RAM locations, remember to use the even-numbered register address as the instruction operand.
Working Registers
The RAM working register area in data memory bank 0 is further divided into four register banks (bank 0, 1, 2,
and 3). Each register bank has eight 4-bit registers and paired 4-bit registers are 8-bit addressable.
Register A is used as a 4-bit accumulator and register pair EA as an 8-bit extended accumulator. The carry flag
bit can also be used as a 1-bit accumulator. Register pairs WX, WL, and HL are used as address pointers for
indirect addressing. To limit the possibility of data corruption due to incorrect register addressing, it is advisable
to use register bank 0 for the main program and banks 1, 2, and 3 for interrupt service routines.
LCD Data Register Area
Bit values for LCD segment data are stored in data memory bank 2. Register locations in this area that are not
used to store LCD data can be assigned to general-purpose use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com