Electronic Components Datasheet Search
  English  ▼

X  

S3P72P9 Datasheet(PDF) 35 Page - Samsung semiconductor

Part # S3P72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3P72P9 Datasheet(HTML) 35 Page - Samsung semiconductor

Back Button S3P72P9 Datasheet HTML 31Page - Samsung semiconductor S3P72P9 Datasheet HTML 32Page - Samsung semiconductor S3P72P9 Datasheet HTML 33Page - Samsung semiconductor S3P72P9 Datasheet HTML 34Page - Samsung semiconductor S3P72P9 Datasheet HTML 35Page - Samsung semiconductor S3P72P9 Datasheet HTML 36Page - Samsung semiconductor S3P72P9 Datasheet HTML 37Page - Samsung semiconductor S3P72P9 Datasheet HTML 38Page - Samsung semiconductor S3P72P9 Datasheet HTML 39Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
ADDRESS SPACES
2-23
SKIP CONDITION FLAGS (SC2, SC1, SC0)
The skip condition flags SC2, SC1, and SC0 in the PSW indicate the current program skip conditions and are set
and reset automatically during program execution. Skip condition flags can only be addressed by 8-bit read
instructions. Direct manipulation of the SC2, SC1, and SC0 bits is not allowed.
CARRY FLAG (C)
The carry flag is used to save the result of an overflow or borrow when executing arithmetic instructions involving
a carry (ADC, SBC). The carry flag can also be used as a 1-bit accumulator for performing Boolean operations
involving bit-addressed data memory.
If an overflow or borrow condition occurs when executing arithmetic instructions with carry (ADC, SBC), the carry
flag is set to "1". Otherwise, its value is "0". When a
RESET occurs, the current value of the carry flag is retained
during power-down mode, but when normal operating mode resumes, its value is undefined.
The carry flag can be directly manipulated by predefined set of 1-bit read/write instructions, independent of other
bits in the PSW. Only the ADC and SBC instructions, and the instructions listed in Table 2-7, affect the carry flag.
Table 2-7. Valid Carry Flag Manipulation Instructions
Operation Type
Instructions
Carry Flag Manipulation
Direct manipulation
SCF
Set carry flag to "1".
RCF
Clear carry flag to "0" (reset carry flag).
CCF
Invert carry flag value (complement carry flag).
BTST C
Test carry and skip if C = "1".
Bit transfer
LDB (operand) (1),C
Load carry flag value to the specified bit.
LDB C,(operand) (1)
Load contents of the specified bit to carry flag.
Boolean manipulation
BAND C,(operand) (1)
AND the specified bit with contents of carry flag and save
the result to the carry flag.
BOR C,(operand) (1)
OR the specified bit with contents of carry flag and save
the result to the carry flag.
BXOR C,(operand) (1)
XOR the specified bit with contents of carry flag and save
the result to the carry flag.
Interrupt routine
INTn (2)
Save carry flag to stack with other PSW bits.
Return from interrupt
IRET
Restore carry flag from stack with other PSW bits.
NOTES:
1.
The operand has three bit addressing formats: mema.a, memb.@L, and @H + DA.b.
2.
'INTn' refers to the specific interrupt being executed and is not an instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com