Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 6Page - Analog Devices ADA8282 Datasheet HTML 7Page - Analog Devices ADA8282 Datasheet HTML 8Page - Analog Devices ADA8282 Datasheet HTML 9Page - Analog Devices ADA8282 Datasheet HTML 10Page - Analog Devices ADA8282 Datasheet HTML 11Page - Analog Devices ADA8282 Datasheet HTML 12Page - Analog Devices ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 10 of 21
120
0
20
40
60
80
100
10k
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 18dB
GAIN = 24dB
GAIN = 30dB
GAIN = 36dB
Figure 21. PSRR vs. Frequency at Various Gains
100
0
20
40
60
80
10
30
50
70
90
100k
1M
10M
100M
FREQUENCY (Hz)
GAIN = 18dB
GAIN = 24dB
GAIN = 30dB
GAIN = 36dB
Figure 22. CMRR vs. Frequency at Various Gains
0
–140
–120
–100
–80
–60
–40
–20
10k
100k
1M
10M
100M
FREQUENCY (Hz)
Figure 23. Crosstalk vs. Frequency
–40
–25
10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
37.55
37.60
37.65
37.70
37.75
37.80
37.85
Figure 24. Quiescent Supply Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com