Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 7Page - Analog Devices ADA8282 Datasheet HTML 8Page - Analog Devices ADA8282 Datasheet HTML 9Page - Analog Devices ADA8282 Datasheet HTML 10Page - Analog Devices ADA8282 Datasheet HTML 11Page - Analog Devices ADA8282 Datasheet HTML 12Page - Analog Devices ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices ADA8282 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 11 of 21
THEORY OF OPERATION
RADAR RECEIVE PATH AFE
The primary application for the ADA8282 is a high speed ramp,
frequency modulated, continuous wave radar (HSR-FMCW radar).
Figure 25 shows a simplified block diagram of an HSR-FMCW
radar system. The signal chain requires multiple channels, each
including an LNA and a PGA. The ADA8282 provides these key
components in a single 5 mm × 5 mm LFCSP.
The performance of each component is designed to meet the
demands of an HSR-FMCW radar system. Some examples of
these performance metrics are the LNA noise, PGA gain range,
and signal chain bandwidth and power. The ADA8282 also has
adjustable power modes to adjust the power and performance
level to accommodate a wide variety of applications.
The ADA8282 is programmable via the SPI. Channel gain,
power mode, and offset voltage can be adjusted using the SPI port.
DEFAULT SPI SETTINGS
When initially powered, the ADA8282 defaults to a setting of
0x00 in Register 0x17, which disables all channels. The device is
enabled by writing 0x0F to Register 0x17.
INPUT IMPEDANCE
The input impedance to the ADA8282 is set by an internal 785 Ω
resistance at each input, biased to midsupply by an internal voltage
buffer. Both the positive and negative inputs are biased with the
same network, creating a differential input impedance of 1.57 kΩ.
The input to the ADA8282 is typically ac-coupled. The ac
coupling capacitors operate with the input impedance of the
ADA8282 to create a high-pass filter with a pole at 1/(2π2RC),
where R = 785 Ω with a typical tolerance of ±15%.
POWER MODES
The ADA8282 has four power modes that can be controlled
through Register 0x14 (BIAS_SEL). The power modes allow a
user to adjust the power and performance tradeoffs to suit the end
application. Use the low power mode when power savings are in
demand, and use the high power mode in applications that
require increased bandwidth and low noise.
Table 6 shows the power performance trade-offs of the various
SPI settings.
Table 6. Power Mode Trade-Offs
Mode
Setting
Power per
Channel
(mW)
Input Referred
Noise at 2 MHz
(nV/√Hz)
Typical Bandwidth
(MHz), Gain = 36 dB
b’00
18.3
4.5
20.5
b’01
26.5
3.8
34.2
b’10
34.8
3.6
42.3
b’11
54.8
3.4
52.3
PA
DSP
ANTENNA
VCO
12-BIT
ADC
12-BIT
ADC
12-BIT
ADC
PGA
LNA
PGA
LNA
PGA
LNA
ADA8282
REF.
OSCILLATOR
CHIRP RAMP
GENERATOR
TRANSMIT SIGNAL GENERATION
Figure 25. Typical Signal Chain Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com