Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 3 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 3 Page - Analog Devices

  ADA8282 Datasheet HTML 1Page - Analog Devices ADA8282 Datasheet HTML 2Page - Analog Devices ADA8282 Datasheet HTML 3Page - Analog Devices ADA8282 Datasheet HTML 4Page - Analog Devices ADA8282 Datasheet HTML 5Page - Analog Devices ADA8282 Datasheet HTML 6Page - Analog Devices ADA8282 Datasheet HTML 7Page - Analog Devices ADA8282 Datasheet HTML 8Page - Analog Devices ADA8282 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 3 of 21
SPECIFICATIONS
AVDD = 3.3 V, LNA + PGA gain = 36 dB (LNA gain = 24 dB, PGA gain = 12 dB), TA = −40°C to +125°C, PGA_BIAS_SEL = b’10,
LNA_BIAS_SEL= b’10, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ANALOG CHANNEL CHARACTERISTICS
Gain
18/24/30/36
dB
Gain Range
18
dB
Gain Error
±0.5
dB
−3 dB Bandwidth
VOUT = 100 mV p-p, gain = 36 dB
PGA_BIAS_SEL = b’00, LNA_BIAS_SEL = b’00
5
20.5
MHz
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’01
5
34.2
MHz
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’10
5
42.3
MHz
PGA_BIAS_SEL = b’11, LNA_BIAS_SEL = b’11
5
52.3
MHz
Channel to Channel Gain Matching
Frequencies up to 5 MHz
0.1
±0.25
dB
Channel to Channel Phase Matching1
Frequencies up to 5 MHz
0.1
±1
Degrees
Slew Rate
28
V/μs
Input Referred Noise
Gain = 36 dB at 2 MHz
PGA_BIAS_SEL = b’00, LNA_BIAS_SEL = b’00
4.5
nV/√Hz
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’01
3.8
nV/√Hz
PGA_BIAS_SEL = b’01, LNA_BIAS_SEL = b’10
3.6
nV/√Hz
PGA_BIAS_SEL = b’11, LNA_BIAS_SEL = b’11
3.4
nV/√Hz
50 Ω impedance used for voltage to power
conversion
−156
dBm/Hz
Output Referred Noise
Gain = 18 dB
36
nV/√Hz
Gain = 24 dB
61
nV/√Hz
Gain = 30 dB
115
nV/√Hz
Gain = 36 dB
218
nV/√Hz
Offset Voltage
Referred to Input
Gain = 36 dB
±0.8
±3
mV
Referred to Output
Gain = 36 dB
±50
±200
mV
SPI Offset Adjustment Resolution
(Relative to Input)
LNA_BIAS_SEL = b’00
113
μV
LNA_BIAS_SEL = b’01
186
μV
LNA_BIAS_SEL = b’10
250
μV
LNA_BIAS_SEL = b’11
440
μV
SPI Offset Adjustment Range (Relative
to Input)
LNA_BIAS_SEL = b’00
±4
mV
LNA_BIAS_SEL = b’01
±6
mV
LNA_BIAS_SEL = b’10
±8
mV
LNA_BIAS_SEL = b’11
±14
mV
Harmonic Distortion
Second Harmonic (HD2)
VOUT = 2 V p-p, fIN = 100 kHz
−70
dBc
VOUT = 100 mV p-p, fIN = 2 MHz
−85
dBc
Third Harmonic (HD3)
VOUT = 2 V p-p, fIN = 100 kHz
−85
dBc
VOUT = 100 mV p-p, fIN = 2 MHz
−95
dBc
Intermodulation Distortion
VOUT = 2 V p-p, fIN1 = 100 kHz, fIN2 = 150 kHz
−72
dBc
VOUT = 100 mV p-p, fIN1 = 2 MHz, fIN2 = 2.1 MHz
−83
dBc
Common-Mode Rejection Ratio (CMRR)
−80
dB
Crosstalk
−105
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com