Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices ADA8282 Datasheet HTML 15Page - Analog Devices ADA8282 Datasheet HTML 16Page - Analog Devices ADA8282 Datasheet HTML 17Page - Analog Devices ADA8282 Datasheet HTML 18Page - Analog Devices ADA8282 Datasheet HTML 19Page - Analog Devices ADA8282 Datasheet HTML 20Page - Analog Devices ADA8282 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 18 of 21
Register 0x05: Chip ID High Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
CHIP_IDHI
Table 16. CHIP_IDHI Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
CHIP_IDHI
The CHIP_ID1 and CHIP_ID2 registers identify the ADA8282.
0x82
R
Register 0x06: Revision Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Revision
Table 17. Revision Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:0]
Revision
The revision register identifies the silicon revision of the current die.
0x00
R
Register 0x10: LNA Offset 0 Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
LNA_OFFSET0
Table 18. LNA_OFFSET0 Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[5:0]
LNA_OFFSET0
LNA_OFFSET0 controls the offset of Channel A. The default setting (0x20) applies the minimum
offset, 0x00 applies the maximum negative offset, and 0x3F applies the maximum positive offset.
0x20
RW
The resolution of the offset varies with the LNA bias mode as follows:
LNA Bias Mode 0: 113 μV RTI offset resolution, ±4 mV range.
LNA Bias Mode 1: 186 μV RTI offset resolution, ±6 mV range.
LNA Bias Mode 2: 250 μV RTI offset resolution, ±8 mV range.
LNA Bias Mode 3: 440 μV RTI offset resolution, ±14 mV range.
Register 0x11: LNA Offset 1 Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
LNA_OFFSET1
Table 19. LNA_OFFSET1 Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[5:0]
LNA_OFFSET1
LNA_OFFSET0 controls the offset of Channel B. The default setting (0x20) applies the minimum
offset, 0x00 applies the maximum negative offset, and 0x3F applies the maximum positive offset.
0x20
RW
The resolution of the offset varies with the LNA bias mode as follows:
LNA Bias Mode 0: 113 μV RTI offset resolution, ±4 mV range.
LNA Bias Mode 1: 186 μV RTI offset resolution, ±6 mV range.
LNA Bias Mode 2: 250 μV RTI offset resolution, ±8 mV range.
LNA Bias Mode 3: 440 μV RTI offset resolution, ±14 mV range.
Register 0x12: LNA Offset 2 Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
LNA_OFFSET2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com