Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices ADA8282 Datasheet HTML 15Page - Analog Devices ADA8282 Datasheet HTML 16Page - Analog Devices ADA8282 Datasheet HTML 17Page - Analog Devices ADA8282 Datasheet HTML 18Page - Analog Devices ADA8282 Datasheet HTML 19Page - Analog Devices ADA8282 Datasheet HTML 20Page - Analog Devices ADA8282 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Data Sheet
ADA8282
Rev. 0 | Page 19 of 21
Table 20. LNA_OFFSET2 Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[5:0]
LNA_OFFSET2
LNA_OFFSET0 controls the offset of Channel C. The default setting (0x20) applies the minimum
offset, 0x00 applies the maximum negative offset, and 0x3F applies the maximum positive offset.
0x20
RW
The resolution of the offset varies with the LNA bias mode as follows:
LNA Bias Mode 0: 113 μV RTI offset resolution, ±4 mV range.
LNA Bias Mode 1: 186 μV RTI offset resolution, ±6 mV range.
LNA Bias Mode 2: 250 μV RTI offset resolution, ±8 mV range.
LNA Bias Mode 3: 440 μV RTI offset resolution, ±14 mV range.
Register 0x13: LNA Offset 3 Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
LNA_OFFSET3
Table 21. LNA_OFFSET3 Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[5:0]
LNA_OFFSET3
LNA_OFFSET0 controls the offset of Channel D. The default setting (0x20) applies the minimum
offset, 0x00 applies the maximum negative offset, and 0x3F applies the maximum positive offset.
0x20
RW
The resolution of the offset varies with the LNA bias mode as follows:
LNA Bias Mode 0: 113 μV RTI offset resolution, ±4 mV range.
LNA Bias Mode 1: 186 μV RTI offset resolution, ±6 mV range.
LNA Bias Mode 2: 250 μV RTI offset resolution, ±8 mV range.
LNA Bias Mode 3: 440 μV RTI offset resolution, ±14 mV range.
Register 0x14: PGA Bias Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Unused
PGA_BIAS_SEL
LNA_BIAS_SEL
The PGA bias select register allows the user to trade off power and performance (for example, bandwidth and noise).
Table 22. BIAS_SEL Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[3:2]
PGA_BIAS_SEL
Set PGA_BIAS_SEL to b’00 for the minimum PGA bias and to b’11 for the maximum PGA bias.
0x00
RW
[1:0]
LNA_BIAS_SEL
Set LNA_BIAS_SEL to b’00 for the minimum LNA bias and to b’11 for the maximum LNA bias.
0x00
RW
Register 0x15: PGA Gain Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PGA_GAIN3
PGA_GAIN2
PGA_GAIN1
PGA_GAIN0
The PGA gain register allows independent gain settings for each channel.
Table 23. PGA_GAIN Configuration Register Bit Descriptions
Bits
Bit Name
Description
Reset
Access
[7:6]
PGA_GAIN3
Set PGA_GAIN3 to b’00 for 18 dB gain, to b’01 for 24 dB gain, to b’10 for 30 dB gain, and to
b’11 for 36 dB gain for Channel D
0x00
RW
[5:4]
PGA_GAIN2
Set PGA_GAIN2 to b’00 for 18 dB gain, to b’01 for 24 dB gain, to b’10 for 30 dB gain, and to
b’11 for 36 dB gain for Channel C
0x00
RW
[3:2]
PGA_GAIN1
Set PGA_GAIN1 to b’00 for 18 dB gain, to b’01 for 24 dB gain, to b’10 for 30 dB gain, and to
b’11 for 36 dB gain for Channel B
0x00
RW
[1:0]
PGA_GAIN0
Set PGA_GAIN0 to b’00 for 18 dB gain, to b’01 for 24 dB gain, to b’10 for 30 dB gain, and to
b’11 for 36 dB gain for Channel A
0x00
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com