Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 10Page - Analog Devices ADA8282 Datasheet HTML 11Page - Analog Devices ADA8282 Datasheet HTML 12Page - Analog Devices ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices ADA8282 Datasheet HTML 15Page - Analog Devices ADA8282 Datasheet HTML 16Page - Analog Devices ADA8282 Datasheet HTML 17Page - Analog Devices ADA8282 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 14 of 21
APPLICATIONS INFORMATION
INCREASED GAIN USING TWO ADA8282 DEVICES
IN SERIES
For applications that require gains greater than 36 dB, two
ADA8282 devices can be used in series with each other. To
optimize the signal swing for the path, increment the gains
according to Table 11.
Table 11. Gain Settings for Two Devices in Series
Total Gain (dB)
A1 (Input Side
ADA8282) Gain (dB)
A2 (Output Side
ADA8282) Gain (dB)
36
18
18
42
18
24
48
24
24
54
30
24
60
30
30
66
36
30
72
36
36
24
+OUTA
23
–OUTA
22
+OUTB
21
–OUTB
20
+OUTC
19
–OUTC
18
+OUTD
17
–OUTD
1
2
3
4
5
6
7
8
+INA
–INA
+INB
–INB
+INC
–INC
+IND
–IND
ADA8282
EPAD TIED
TO GROUND
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
+3.3V
+3.3V
+3.3V
GPIO: +3.3V/0V
+3.3V
10kΩ
SPI BUS
24
+OUTA
23
–OUTA
22
+OUTB
21
–OUTB
20
+OUTC
19
–OUTC
18
+OUTD
17
–OUTD
1
2
3
4
5
6
7
8
+INA
–INA
+INB
–INB
+INC
–INC
+IND
–IND
ADA8282
EPAD TIED
TO GROUND
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
INPUT A
SOURCE
INPUT B
SOURCE
INPUT C
SOURCE
INPUT D
SOURCE
0.1µF
0.1µF
0.1µF
0.1µF
+3.3V
+3.3V
+3.3V
GPIO: +3.3V/0V
+3.3V
10kΩ
SPI BUS
TO ADC
TO ADC
TO ADC
TO ADC
Figure 28. Using Two ADA8282 Devices in Series to Increase Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com