Electronic Components Datasheet Search
  English  ▼

X  

ADA8282 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA8282
Description  Radar Receive Path AFE - 4-Channel LNA and PGA
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA8282 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA8282 Datasheet HTML 12Page - Analog Devices ADA8282 Datasheet HTML 13Page - Analog Devices ADA8282 Datasheet HTML 14Page - Analog Devices ADA8282 Datasheet HTML 15Page - Analog Devices ADA8282 Datasheet HTML 16Page - Analog Devices ADA8282 Datasheet HTML 17Page - Analog Devices ADA8282 Datasheet HTML 18Page - Analog Devices ADA8282 Datasheet HTML 19Page - Analog Devices ADA8282 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
ADA8282
Data Sheet
Rev. 0 | Page 16 of 21
BASIC CONNECTIONS FOR A TYPICAL
APPLICATION
The ADA8282 is typically configured to operate with a nominal
3.3 V power supply, using the EPAD as the analog ground
connection. Place the bypass capacitors as close as possible to
the power supply pins to minimize the length of metal traces in
series with the bypassing paths. AC couple the inputs and
outputs for each channel as shown in Figure 30. Pull the RESET pin
low with a 10 kΩ resistor and drive it with 3.3 V GPIO logic.
The SPI pins can be directly connected to the SPI bus.
24
+OUTA
23
–OUTA
22
+OUTB
21
–OUTB
20
+OUTC
19
–OUTC
18
+OUTD
17
–OUTD
1
2
3
4
5
6
7
8
+INA
–INA
+INB
–INB
+INC
–INC
+IND
–IND
ADA8282
EPAD TIED
TO GROUND
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
INPUT A
SOURCE
INPUT B
SOURCE
INPUT C
SOURCE
INPUT D
SOURCE
0.1µF
0.1µF
0.1µF
0.1µF
+3.3V
+3.3V
+3.3V
GPIO: +3.3V/0V
+3.3V
10kΩ
SPI BUS
TO ADC
TO ADC
TO ADC
TO ADC
Figure 30. Typical Component Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com