Electronic Components Datasheet Search
  English  ▼

X  

ADG5243F Datasheet(PDF) 15 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG5243F Datasheet HTML 11Page - Analog Devices ADG5243F Datasheet HTML 12Page - Analog Devices ADG5243F Datasheet HTML 13Page - Analog Devices ADG5243F Datasheet HTML 14Page - Analog Devices ADG5243F Datasheet HTML 15Page - Analog Devices ADG5243F Datasheet HTML 16Page - Analog Devices ADG5243F Datasheet HTML 17Page - Analog Devices ADG5243F Datasheet HTML 18Page - Analog Devices ADG5243F Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Data Sheet
ADG5243F
Rev. 0 | Page 15 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
1200
1000
800
600
400
200
0
–25
–20
–15
–10
–5
0
5
10
15
20
25
VS, VD (V)
±22V
±20V
±18V
±16.5V
±15.0V
±13.5V
TA = 25°C
Figure 3. RON as a Function of VS, VD, Dual Supply
1200
1000
800
600
400
200
0
0
14
12
10
8
6
4
2
VS, VD (V)
13.2V
12.0V
10.8V
TA = 25°C
Figure 4. RON as a Function of VS, VD, 12 V Single Supply
1200
1000
800
600
400
200
0
0
40
35
30
25
20
15
10
5
VS, VD (V)
39.6V
36.0V
32.4V
TA = 25°C
Figure 5. RON as a Function of VS, VD, 36 V Single Supply
1400
1200
1000
800
600
400
200
0
–15
–12
–9
–6
–3
0
3
6
9
12
15
VS, VD (V)
VDD = +15V
VSS = –15V
+125°C
+85°C
+25°C
–40°C
Figure 6. RON as a Function of VS, VD for Different Temperatures,
±15 V Dual Supply
1400
1200
1000
800
600
400
200
0
–20
–15
–10
–5
0
5
10
15
20
VS, VD (V)
VDD = +20V
VSS = –20V
+125°C
+85°C
+25°C
–40°C
Figure 7. RON as a Function of VS, VD for Different Temperatures,
±20 V Dual Supply
1400
1200
1000
800
600
400
200
0
0
12
10
8
6
4
2
VS, VD (V)
VDD = 12V
VSS = 0V
+125°C
+85°C
+25°C
–40°C
Figure 8. RON as a Function of VS, VD for Different Temperatures,
12 V Single Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com