Electronic Components Datasheet Search
  English  ▼

X  

ADG5243F Datasheet(PDF) 26 Page - Analog Devices

Part # ADG5243F
Description  User Defined Fault Protection and Detection, 0.8 pc QINJ, Triple SPDT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5243F Datasheet(HTML) 26 Page - Analog Devices

Back Button ADG5243F Datasheet HTML 22Page - Analog Devices ADG5243F Datasheet HTML 23Page - Analog Devices ADG5243F Datasheet HTML 24Page - Analog Devices ADG5243F Datasheet HTML 25Page - Analog Devices ADG5243F Datasheet HTML 26Page - Analog Devices ADG5243F Datasheet HTML 27Page - Analog Devices ADG5243F Datasheet HTML 28Page - Analog Devices ADG5243F Datasheet HTML 29Page - Analog Devices ADG5243F Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
ADG5243F
Data Sheet
Rev. 0 | Page 26 of 30
THEORY OF OPERATION
SWITCH ARCHITECTURE
Each channel of the ADG5243F consists of a parallel pair of
N-channel diffused metal-oxide semiconductor (NDMOS) and
P-channel DMOS (PDMOS) transistors. This construction
provides excellent performance across the signal range. The
ADG5243F channels operate as standard switches when input
signals with a voltage between POSFV and NEGFV are applied.
For example, the on resistance is 250 Ω typically and opening or
closing the switch is controlled using the appropriate control pins.
Additional internal circuitry enables the switch to detect
overvoltage inputs by comparing the voltage on a source pin
with POSFV and NEGFV. A signal is considered overvoltage if
it exceeds these secondary supply voltages by the voltage threshold,
VT. The threshold voltage is typically 0.7 V, but can range from
0.8 V at −40°C down to 0.6 V at +125°C. See Figure 26 to see the
change in VT with operating temperature.
The maximum voltage that can be applied to any source input is
+55 V or −55 V. When the device is powered using a single supply
of 25 V or greater, the maximum negative signal level is reduced. It
reduces from −55 V at VDD = +25 V to −40 V at VDD = +40 V to
remain within the 80 V maximum rating. Construction of the
process allows the channel to withstand 80 V across the switch
when it is opened. These overvoltage limits apply whether the
power supplies are present or not.
ESD
PROTECTION
Sx
Dx
INx
POSFV
NEGFV
ESD
ESD
FAULT
DETECTOR
LOGIC
BLOCK
SWITCH
DRIVER
Figure 48. Switch Channel and Control Function
When an overvoltage condition is detected on a source pin (Sx),
the switch automatically opens regardless of the digital logic
state and the source pin becomes high impedance. If a source
pin is selected that is in fault, the drain pin is pulled to the
supply that was exceeded. For example, if the source voltage
exceeds POSFV, the drain output pulls to POSFV. If the source
voltage exceeds NEGFV, the drain output pulls to NEGFV. In
Figure 27, the voltage on the drain pin can be seen to follow the
voltage on the source pin until the switch turns off completely.
The drain pin then pulls to GND due to the 1 kΩ load resistor;
otherwise, it pulls to the POSFV supply. The maximum voltage
on the drain is limited by the internal ESD diodes and the rate
at which the output voltage discharges is dependent on the load
at the pin.
During overvoltage conditions, the leakage current into and out
of the source pins is limited to tens of microamperes. If the source
pin is unselected, only nanoamperes of leakage appear on the
drain pin. However, if the source is selected, the pin is pulled to
the supply rail. The device that pulls the drain pin to the rail has
an impedance of approximately 40 kΩ; thus, the Dx pin current
is limited to approximately 1 mA during a shorted load condition.
This internal impedance also determines the minimum external
load resistance required to ensure that the drain pin is pulled to
the desired voltage level during a fault.
When an overvoltage event occurs, the channels undisturbed by
the overvoltage input continue to operate normally without
additional crosstalk.
ESD Performance
The drain pins have ESD protection diodes to the secondary
supply rails and the voltage at these pins must not exceed the
secondary supply voltages, POSFV and NEGFV. The source
pins have specialized ESD protection that allows the signal voltage
to reach ±55 V regardless of supply voltage level. Exceeding
±55 V on any source input may damage the ESD protection
circuitry on the device. See Figure 48 for an overview of the
switch channel.
Trench Isolation
In the ADG5243F, an insulating oxide layer (trench) is placed
between the NDMOS and the PDMOS transistors of each switch.
Parasitic junctions, which occur between the transistors in
junction-isolated switches, are eliminated, and the result is a
switch that is latch-up immune under all circumstances. The
device passes a JESD78D latch-up test of ±500 mA for 1 sec,
which is the harshest test in the specification.
NDMOS
PDMOS
P-WELL
N-WELL
BURIED OXIDE LAYER
HANDLE WAFER
TRENCH
Figure 49. Trench Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com