Electronic Components Datasheet Search
  English  ▼

X  

S-807 Datasheet(PDF) 12 Page - Seiko Instruments Inc

Part # S-807
Description  HIGH-PRECISION VOLTAGE DETECTOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-807 Datasheet(HTML) 12 Page - Seiko Instruments Inc

Back Button S-807 Datasheet HTML 8Page - Seiko Instruments Inc S-807 Datasheet HTML 9Page - Seiko Instruments Inc S-807 Datasheet HTML 10Page - Seiko Instruments Inc S-807 Datasheet HTML 11Page - Seiko Instruments Inc S-807 Datasheet HTML 12Page - Seiko Instruments Inc S-807 Datasheet HTML 13Page - Seiko Instruments Inc S-807 Datasheet HTML 14Page - Seiko Instruments Inc S-807 Datasheet HTML 15Page - Seiko Instruments Inc S-807 Datasheet HTML 16Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
HIGH-PRECISION VOLTAGE DETECTOR
S-807 Series
Seiko Instruments Inc.
11
13. S-80725AH-BN-X (Detection voltage : 2.440 to 2.560 V)
(Unless otherwise specified : Ta=25
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
-VDET
2.440
2.500
2.560
V
1
Hysteresis width
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V1
Current consumption
ISS
VDD = 4.5 V
1.4
3.5
µA2
Operating voltage
VDD
1.0
15.0
V
1
Output current
IOUT
Pch
VDS = 0.5 V
VDD = 1.2 V
0.03
0.09
mA
4
Nch
VDS = 0.5 V
VDD = 4.8 V
4.06
8.36
3
Temperature
characteristic of -
VDET
Ta=-30
°C to 80°C
±0.31
mV/
°C
14. S-80726AL-AP-X, S-80726AN/AN-DP-X (Detection voltage : 2.537 to 2.663 V)
(Unless otherwise specified : Ta=25
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
-VDET
2.537
2.600
2.663
V
1
Hysteresis width
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V1
Current consumption
ISS
VDD = 4.5 V
1.0
3.0
µA2
Operating voltage
VDD
1.0
15.0
V
1
Output current
IOUT
Nch
VDS = 0.5 V
VDD = 1.2 V
0.23
0.50
mA
3
Pch
(CMOS
output)
VDS = 0.5 V
VDD = 4.8 V
0.36
0.62
4
Temperature
characteristic of -
VDET
Ta=-30
°C to 80°C
±0.33
mV/
°C
15. S-80727AL/AL-AQ-X, S-80727AN/AN-DQ-X
S-80727SL-AQ-X, S-80727SN-DQ-X (Detection voltage : 2.635 to 2.765 V)
(Unless otherwise specified : Ta=25
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Test
circuit
Detection voltage
-VDET
2.635
2.700
2.765
V
1
Hysteresis width
VHYS
-VDET
×0.02
-VDET
×0.05
-VDET
×0.08
V1
Current consumption
ISS
VDD = 4.5 V
1.0
3.0
µA2
Operating voltage
VDD
1.0
15.0
V
1
Output current
IOUT
Nch
VDS = 0.5 V
VDD = 1.2 V
0.23
0.50
mA
3
VDD = 2.4 V
1.60
3.70
Pch
(CMOS
output)
VDS = 0.5 V
VDD = 4.8 V
0.36
0.62
4
Temperature
characteristic of -
VDET
Ta=-30
°C to 80°C
±0.34
mV/
°C
∆-V
DET
∆Ta
∆-V
DET
∆Ta
∆-V
DET
∆Ta



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com