Electronic Components Datasheet Search
  English  ▼

X  

PI6C49003 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

Back Button PI6C49003 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 11Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
DC Electrical Characteristics
Unless otherwise specified, VDD=3.3V±10%, Ambient Temperature –40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Supply Volt-
age
VDD
3.0
3.6
V
Input High Voltage
VIH
2VDD
Input Low Voltage
VIL
–0.3
0.8
Input High Voltage
VIH
SDATA, SCLK
0.7VDD
VDD
Input Low Voltage
VIL
SDATA, SCLK
0.3VDD
Operating Supply Cur-
rent
IDD
150
mA
IDD at Output Disable
Condition
PD_RESET = 0
5
Internal Pull-Up/Pull-
Down Resistor
RPU/RPD
PD_RESET
240
k–Ohm
All single-ended outputs
110
Input Capacitance
CIN
All input pins
6
pF
Absolute Maximum Ratings1 (Over operating free-air temperature range)
Symbol
Parameters
Min.
Max.
Units
VDD
3.3V I/O Supply Voltage
-0.5
4.6
V
VIH
Input High Voltage
4.6
VIL
Input Low Voltage
-0.5
Ts
Storage Temperature
-65
150
°C
VESD
ESD Protection
2000
V
Note:
1.
Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Maximum Supply Voltage, VDD ............................................................ 7V
All Inputs and Outputs ...............................................–0.5V to VDD +0.5V
Ambient Operating Temperature....................................... –40°C to +85°C
Storage Temperature........................................................ –65°C to +150°C
Junction Temperature ........................................................................125°C
Peak Soldering Temperature..............................................................260°C
Note:
Stresses greater than those listed under MAXIMUM RAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for ex-
tended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
09-0097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com