Electronic Components Datasheet Search
  English  ▼

X  

PI6C49003 Datasheet(PDF) 12 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 12 Page - Pericom Semiconductor Corporation

Back Button PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
Ordering Information(1-3)
Ordering Code
Package Code
Package Description
PI6C49003AE
A
48-pin, Pb-free & Green, TSSOP, (A48)
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. E = Pb-free and Green
3. Adding an X suffix = Tape/Reel
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
.236
.244
.488
.496
.002
.006
SEATING PLANE
.007
.010
.0197
BSC
.004
.008
.319
1
48
12.4
12.6
6.0
6.2
0.50
0.17
0.27
8.1
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
1.20 Max
BSC
DOCUMENT CONTROL NO.
PD - 1501
REVISION: G
DATE: 03/09/05
Note:
1. Controlling dimensions in millimeters.
2. Ref: JEDEC MO-153F/ED
3. Dimension does not include mold flash, protrusions or gate burrs. Mold flash, protru-
sions and gate burrs shall not exceed 0.15mm per side.
4. Dimension does not include interlead flash or protrusion. Interlead flash or protrusion
shall not exceed 0.25mm per side.
DESCRIPTION: 48-Pin 240-Mil Wide TSSOP
PACKAGE CODE: A
Pericom Semiconductor Corporation
3545 N. 1st Street, San Jose, CA 95134
1-800-435-2335 • www.pericom.com
See Note 3
See Note 4
Note:
• For latest package info, please check: http://www.pericom.com/products/packaging/mechanicals.php
All trademarks are property of their respective owners.
09-0097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com