Electronic Components Datasheet Search
  English  ▼

X  

PI6C49003 Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
Configuration test load board termination for HCSL Outputs
Rs
33
5%
Rs
33
5%
Rp
49.9
1%
475
1%
Rp
49.9
1%
2pF
5%
2pF
5%
Clock#
Clock
TLA
TLB
PI6C49003
Figure 4. Configuration Test Load Board Termination
09-0097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com