Electronic Components Datasheet Search
  English  ▼

X  

PI6C49003 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49003 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
Pin #
Pin Name
Pin Type
Pin Description
36
100M_Q3-
Output
100MHz HCSL output
37
100M_Q3+
Output
100MHz HCSL output
38
100M_Q2-
Output
100MHz HCSL output
39
100M_Q2+
Output
100MHz HCSL output
40
VDD
Power
3.3V Supply Pin
41
GND
Power
Ground
42
VDD
Power
3.3V Supply Pin
43
100M_Q1-
Output
100MHz HCSL output
44
100M_Q1+
Output
100MHz HCSL output
45
100M_Q0+
Output
100MHz HCSL output
46
100M_Q0-
Output
100MHz HCSL output
47
VDD
Power
3.3V Supply Pin
48
GND
Power
Ground
33/66/100MHz Frequency Margining Table
FS6
FS5
FS4
33M/66M/133M_OUT1
0
0
0
33.3333 MHz
0
0
1
66.6666MHz +2%
0
1
0
66.6666MHz +1%
0
1
1
66.6666MHz +0%
1
0
0
66.6666MHz -2%
1
0
1
66.6666MHz -4%
1
1
0
66.6666MHz -6%
1
1
1
133.3333 MHz
50MHz Frequency Margining Table
FS3
FS2
FS1
FS0
50M_OUT1, 50M_OUT2
0
0
0
0
nominal
0
0
0
1
nominal + 1%
0
0
1
0
nominal + 2%
0
0
1
1
nominal + 3%
0
1
0
0
nominal + 4%
0
1
0
1
nominal + 5%
0
1
1
0
nominal + 6%
0
1
1
1
nominal + 8%
1
0
0
0
nominal + 10%
1
0
0
1
nominal - 1%
1
0
1
0
nominal - 2%
1
0
1
1
nominal - 3%
1
1
0
0
nominal - 4%
1
1
0
1
nominal - 6%
1
1
1
0
nominal - 8%
1
1
1
1
nominal - 10%
09-0097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com