Electronic Components Datasheet Search
  English  ▼

X  

PI6C49003 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49003 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
PS9023A
11/20/09
Block Diagram
PI6C49003
Networking Clock Generator
Features
• 3.3V +/-10% Supply Voltage
• Uses 25MHz xtal such as Saronix-eCera™ SRX7278
• Five PCIe® 100MHz outputs with optional -0.5% spread
spectrum support
• Two LVCMOS 50MHz outputs that support +/- 10%
frequency margining
• One frequency selectable 33/66/133MHz LVCMOS output
• One 32.256MHz LVCMOS output
• Industrial temperature -40°C to 85°C
• Package: 48-pin TSSOP package
Description
The PI6C49003 is a clock generator device intended for PCIe®/
networking applications. The device includes five 100MHz
differential Host Clock Signal Level (HCSL) outputs for PCIe,
two single-ended 50 MHz outputs, one single-ended 32.256MHz
output, and one selectable single-ended 33/66/133 MHz output.
Using a serially programmable SMBUS interface, the PI6C49003
incorporates spread spectrum modulation on the five 100 MHz
HCSL PCIe outputs, and independent frequency margining on the
50MHz output, 33.3333MHz and 66.6666MHz clock outputs.
Pin Configuration
VDD
14
5
100M_OUT(0-4)
50M_OUT(1-2)
33/66/133M_OUT1
32.256M_OUT1
ISET
475 Ohms
1%
GND
10
PD_RESET
SDATA
SCLK
PLL, Dividers,
Buffers, and
Logic
Clock Buffer/
Crystal
Oscillator
25 MHz
crystal or
clock input
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VDD
IREF
NC
NC
VDD
VDD
GND
GND
VDD
GND
VDD
SCLK
SDATA
GND
50M_Out1
50M_Out2
VDD
GND
VDD
32.256M_Out1
GND
NC
NC
PD_RESET
GND
VDD
100M_Q0-
100M_Q0+
100M_Q1+
100M_Q1-
VDD
GND
VDD
100M_Q2+
100M_Q2-
100M_Q3+
100M_Q3-
VDD
GND
VDD
100M_Q4+
100M_Q4-
33/66/133M_Out1
VDD
GND
VDD
X2
X1
09-0097


Similar Part No. - PI6C49003

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003A PERICOM-PI6C49003A Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
PI6C49003AAE PERICOM-PI6C49003AAE Datasheet
843Kb / 12P
PCIe Gen 2 Networking Clock Generator
More results

Similar Description - PI6C49003

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
Low Power Networking Clock Generator
PI6C49019 PERICOM-PI6C49019 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
2-Output LVDS Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com