Electronic Components Datasheet Search
  English  ▼

X  

PI6C49003 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
Notes:
1. Measured at the end of an 8-inch trace with a 5pF load.
2. Measurement taken from a single-ended waveform.
3. Measurement taken from a differential waveform.
4. Measured from -150 mV to +150 mV on the differential waveform. The signal is monotonic through the
measurement region for rise and fall time. The 300 mV measurement window is centered on the differen-
tial zero crossing.
5. Measured at crossing point where the instantaneous voltage value of the rising edge of 100M+ equals the
falling edge 100M
–.
6. Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is cross-
ing. Refers to all crossing points for this measurement.
7. Defines as the absolute minimum or maximum instantaneous period. This includes cycle-to-cycle jitter,
relative PPM tolerance, and spread spectrum modulation.
8. Defined as the total variation of all crossing voltages of rising 100M+ and falling 100M
–.
9. Refer to section 4.3.2.1 of the PCI Express Base Specification, Revision 1.1 for information regarding
PPM considerations.
10. PPM refers to parts per million and is a DC absolute period accuracy specification. 1 PPM is 1/1,000,000th
of 100 MHz exactly or 100 Hz. For 300 PPM there is an error budget of 100Hz/PPM * 300 PPM = 30 kHz.
The period is measured with a frequency counter with measurement window set at 100 ms or greater. With
spread spectrum turned off the error is less than ±300 ppm. With spread spectrum turned on there is an ad-
ditional +2500 PPM nominal shift in maximum period resulting from the -0.5% down spread.
09-0097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com