Electronic Components Datasheet Search
  English  ▼

X  

PI6C49003 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI6C49003
Description  Networking Clock Generator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49003 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI6C49003 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49003 Datasheet HTML 12Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
PS9023A
11/20/09
PI6C49003
Networking Clock Generator
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Frequency
100
MHz
Cycle-to-Cycle Jitter
TCC/Jitter
150
ps
Peak-to-Peak Phase Jitter
Using PCIe jitter measure-
ment method
86
Spread Modulation Percentage
-0.5
0
%
Spread Modulation Frequency
32
kHz
Duty Cycle
TDC
45
50
55
%
Rising Edge Rate
Note 3, 4
0.6
4.0
V/ns
Falling Edge Rate
Note 3, 4
0.6
4.0
Output Skew
TOSKEW
VT = 50%(measurement
threshold)
200
ps
Clock Source DC Impedance,
single ended
ZC-DC
50
Ohm
High-Level Output Voltage
VOH
Note 2, (RS=33-Ohm,
RT=50-Ohm)
0.65
0.71
0.85
V
Low-Level Output Voltage
VOL
–0.20
0
0.05
IOH @ 6*IREF
IOH
–13
–14.2
–17
mA
Absolute Crossing Point Voltage
VCROSS
Note 2, 5, 6
0.25
0.55
V
Variation of VCROSS over all ris-
ing clock edges
VCROSS Delta Note 2, 5, 8
140
mV
Average Clock Period Accuracy
TPERIOD AVG Note 3, 9, 10
–300
2800
ppm
Absolute Period (including jitter
and spread spectrum)
TPERIOD ABS Note 3, 7
9.847
10.203
ns
(Continued)
Electrical Characteristics - 100MHz Differential HCSL Outputs
Unless otherwise specified, VDD=3.3V±10%, Ambient Temperature –40°C to +85°C
09-0097



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com