Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 12Page - Texas Instruments TLC5926IPWPR Datasheet HTML 13Page - Texas Instruments TLC5926IPWPR Datasheet HTML 14Page - Texas Instruments TLC5926IPWPR Datasheet HTML 15Page - Texas Instruments TLC5926IPWPR Datasheet HTML 16Page - Texas Instruments TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
1
2
3
0
1
>2 µs
CLK
OE(ED2)
LE(ED1)
SDO
Error status code
1
2
3
0
4
12
13
14
15
1
0
16-bit configuration code
CLK
OE(ED2)
LE(ED1)
SDI
1
2
3
4
5
1
0
1
1
1
1
0
0
0
0
CLK
OE(ED2)
LE(ED1)
TLC5926, TLC5927
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
www.ti.com
Device Functional Modes (continued)
Table 4. Truth Table in Normal Mode (continued)
CLK
LE(ED1)
OE(ED2)
SDI
OUT0...OUT15
SDO
↑
H
L
Dn + 2
Dn + 2...Dn – 5...Dn – 13
Dn – 13
↓
X
L
Dn + 3
Dn + 2...Dn – 5...Dn – 13
Dn – 13
↓
X
H
Dn + 3
off
Dn – 13
The signal sequence shown in Figure 8 makes the TLC592x enter Current Adjust and Error Detection mode.
Figure 8. Switching to Special Mode
In the Current Adjust mode, sending the positive pulse of LE(ED1), the content of the shift register (a current
adjust code) is written to the 16-bit configuration latch (see Figure 9).
Figure 9. Writing Configuration Code
When the TLC592x is in the error detection mode, the signal sequence shown in Figure 10 enables a system
controller to read error status codes through SDO.
Figure 10. Reading Error Status Code
The signal sequence shown in Figure 11 makes TLC592x resume the Normal mode. Switching to Normal mode
resets all internal Error Status registers. OE (ED2) always enables the output port, whether the TLC592x enters
current adjust mode or not.
16
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com