Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 3 Page - Texas Instruments

  TLC5926IPWPR Datasheet HTML 1Page - Texas Instruments TLC5926IPWPR Datasheet HTML 2Page - Texas Instruments TLC5926IPWPR Datasheet HTML 3Page - Texas Instruments TLC5926IPWPR Datasheet HTML 4Page - Texas Instruments TLC5926IPWPR Datasheet HTML 5Page - Texas Instruments TLC5926IPWPR Datasheet HTML 6Page - Texas Instruments TLC5926IPWPR Datasheet HTML 7Page - Texas Instruments TLC5926IPWPR Datasheet HTML 8Page - Texas Instruments TLC5926IPWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND
SDI
CLK
LE(ED1)
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
VDD
R-EXT
SDO
OE(ED2)
OUT15
OUT14
OUT13
OUT12
OUT11
OUT10
OUT9
OUT8
TLC5926, TLC5927
www.ti.com
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
5 Device Comparison Table
OPEN-LOAD
SHORT TO GND
SHORT TO VLED
DEVICE (1)
DETECTION
DETECTION
DETECTION
TLC5926
x
x
TLC5927
x
x
x
(1)
The device has one single error register for all these conditions (one error bit per channe.l)
6 Pin Configuration and Functions
DBQ, DW, or PWP Package
24-PIN SSOP, SOIC, HTSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CLK
3
I
Clock input pin for data shift on rising edge
GND
1
—
Ground pin for control logic and current sink
Data strobe input pn
Serial data is transferred to the respective latch when LE(ED1) is high. The data is latched when
LE(ED1)
4
I
LE(ED1) goes low. Also, a control signal input for an Error Detection mode and Current Adjust mode.
LE(ED1) has an internal pulldown.
Output enable pin. When OE (ED2)(active) is low, the output drivers are enabled; when OE(ED2) is
OE(ED2)
21
I
high, all output drivers are turned OFF (blanked). Also, a control signal input for an Error Detection
mode and Current Adjust mode). OE(ED2) has an internal pullup.
OUT0–OUT1
5-20
O
Constant-current output pins
5
R-EXT
23
I
Input pin used to connect an external resistor for setting up all output currents
SDI
2
I
Serial-data input to the Shift register
SDO
22
O
Serial-data output to the following SDI of next driver IC or to the microcontroller
VDD
24
I
Supply voltage pin
Thermal pad (exposed center pad) to alleviate thermal stress. Tie to GND. See Layout Guidelines for
Thermal Pad
-
-
more information. (PWP package only)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com