Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 15Page - Texas Instruments TLC5926IPWPR Datasheet HTML 16Page - Texas Instruments TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments TLC5926IPWPR Datasheet HTML 21Page - Texas Instruments TLC5926IPWPR Datasheet HTML 22Page - Texas Instruments TLC5926IPWPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
R
( )
ext
0
20
40
60
80
100
120
140
0
1000
2000
3000
4000
5000
6000
TLC5926, TLC5927
www.ti.com
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
10.1.1 Constant Current
In LED display applications, TLC592x provides nearly no current variations from channel to channel and from IC
to IC. While IOUT ≤ 50 mA, the maximum current skew between channels is less than ±6% and between ICs is
less than ±6%.
10.1.2 Adjusting Output Current
TLC592x scales up the reference current, Iref, set by the external resistor Rext to sink a current, Iout, at each
output port. Users can follow Equation 1, Equation 2, and Equation 3 to calculate the target output current
IOUT,target in the saturation region:
VR-EXT = 1.26 V × VG
(1)
Iref = VR-EXT/Rext, if another end of the external resistor Rext is connected to ground.
(2)
IOUT,target = Iref × 15 × 3
CM – 1
(3)
Where Rext is the resistance of the external resistor connected to the R-EXT terminal, and VR-EXT is the voltage of
R-EXT, which is controlled by the programmable voltage gain (VG), which is defined by the Configuration Code.
The Current Multiplier (CM) determines that the ratio IOUT,target/Iref is 15 or 5. After power on, the default value of
VG is 127/128 = 0.992, and the default value of CM is 1, so that the ratio IOUT,target/Iref = 15. Based on the default
VG and CM.
VR-EXT = 1.26 V × 127/128 = 1.25 V
(4)
IOUT,target = (1.25 V/Rext) × 15
(5)
Therefore, the default current is approximately 52 mA at 360
Ω and 26 mA at 720 Ω. The default relationship
after power on between IOUT,target and Rext is shown in Figure 15.
Figure 15. Default Relationship Curve Between IOUT,target and Rext
10.1.3 16-Bit Configuration Code and Current Gain
Table 5 lists bit definition of the Configuration Code in the Configuration Latch.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com