Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments TLC5926IPWPR Datasheet HTML 21Page - Texas Instruments TLC5926IPWPR Datasheet HTML 22Page - Texas Instruments TLC5926IPWPR Datasheet HTML 23Page - Texas Instruments TLC5926IPWPR Datasheet HTML 24Page - Texas Instruments TLC5926IPWPR Datasheet HTML 25Page - Texas Instruments TLC5926IPWPR Datasheet HTML 26Page - Texas Instruments TLC5926IPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
0
25
50
75
100
125
150
0
0.5
1
1.5
2
2.5
3
VO – Output Voltage – V
Temperature = 25°C
IO = 80 mA
IO = 40 mA
IO = 20 mA
IO = 60 mA
IO = 5 mA
IO = 100 mA
IO = 120 mA
TLC5926, TLC5927
www.ti.com
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
TJ = TA + θJA × PD_TOT = 115°C + 40°C/W × 0.565 W = 137.6°C
(19)
This design example has demonstrated how to calculate power dissipation in the IC and ensure that the junction
temperature is kept below 150°C.
NOTE
This design example assumes that all channels have the same electrical parameters
(nLED, IO, VF, VLED). If the parameters are unique for each channel, then the power
dissipation must be calculated for each current sink separately. Then, each result must be
added together to calculate the total power dissipation in the current sinks.
10.2.3 Application Curve
Figure 18. Output Current vs Output Voltage
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com