Electronic Components Datasheet Search
  English  ▼

X  

TLC5926IPWPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5926IPWPR
Description  16-Channel Constant-Current LED Sink Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5926IPWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5926IPWPR Datasheet HTML 17Page - Texas Instruments TLC5926IPWPR Datasheet HTML 18Page - Texas Instruments TLC5926IPWPR Datasheet HTML 19Page - Texas Instruments TLC5926IPWPR Datasheet HTML 20Page - Texas Instruments TLC5926IPWPR Datasheet HTML 21Page - Texas Instruments TLC5926IPWPR Datasheet HTML 22Page - Texas Instruments TLC5926IPWPR Datasheet HTML 23Page - Texas Instruments TLC5926IPWPR Datasheet HTML 24Page - Texas Instruments TLC5926IPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
.
.
.
VLED
GND
SDO
R-EXT
VDD
LE
CLK
SDI
LE
CLK
OE
OE
SDI
.
.
.
3.0V to 5.5V
TLC5926/TLC5927
To Controller if Error
Detection Used
1.00
0.00
0.50
0.25
0.75
Configuration Code (CM, HC, CC[0:5]) in Binary Format
CM = 0 (Low Current Multiplier)
HC = 1 (High
Voltage SubBand)
HC = 0 (Low
Voltage SubBand)
HC = 1 (High
Voltage SubBand)
CM = 1 (High Current Multiplier)
HC = 0 (Low
Voltage SubBand)
TLC5926, TLC5927
www.ti.com
SLVS677C – JULY 2008 – REVISED OCTOBER 2015
Figure 16. Current Gain vs Configuration Code
10.2 Typical Application
Figure 17. Single Implementation of TLC592x Device
10.2.1 Design Requirements
For this design example, use the parameters listed in Table 6. The purpose of this design procedure is to
calculate the power dissipation in the device and the operating junction temperature.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TLC5926 TLC5927



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com